Electronic Components Datasheet Search
  English  ▼

X  

SCNRF Datasheet(PDF) 1 Page - Suntsu Electronics, Inc.

Part # SCNRF
Description  RF Connectors For Wireless Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

SCNRF Datasheet(HTML) 1 Page - Suntsu Electronics, Inc.

  SCNRF Datasheet HTML 1Page - Suntsu Electronics, Inc. SCNRF Datasheet HTML 2Page - Suntsu Electronics, Inc. SCNRF Datasheet HTML 3Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Outer Contact Resistance
Insulation Resistance
mΩ Max.
mΩ Min.
SCNRF Series
RF Connectors For Wireless Applications
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
Impedance
Frequency Range
Voltage Standing Wave Ratio (VSWR)
Dielectric Withstanding Voltage
Storage Temperature
Working Voltage
Operating Temperature
50
Ω
GHz
MAX.
°C
Vrms Max.
• Popular Coax RF Connectors For Wireless Applications
• Frequency Range Up To 6 GHz
• 50Ω Impedance
• Variety Of On-Board And Panel Mount Types
• Radio Communication
• Wi-Fi And Cellular Antennas
• Telecommunications And Microwave
• Smart Grid And Automated Metering
• Machine To Machine Communications
Features
Applications
CONNECTOR DIMENSIONS (All dimensions are in millimeters (mm) unless otherwise noted. Drawings are not to scale.)
Center Contact Resistance
mΩ Max.
Vrms MIN.
°C
0 - 6
1.4
1.5
1.5
1.7
1.5
200
1000
170
335
335
200
2500
500
1000
1000
-55 to +85
-60 to +165
20
6
6
6
6
10
2
2.5
2.5
2
500
5000
1000
1000
1000
-40 to +90
S CN RF - 6A A P - SA F S
* Where letters denote decimal location A=.0, B=.1, C=.2, Etc.. Ex: B5=0.15, 3A5=3.05, 9A=9.0
To customize your parameters, contact a Suntsu representative.
E : Edge Launch
R : Right Angle
S :Straight
COMPLIANT
ORIENTATION
CONNECTOR
CONNECTOR TYPE
RF
MOUNT TYPE
* MAXIMUM FREQUENCY (GHz)
IMPEDANCE
SUNTSU
GENDER
M : Male
F : Female
SA : SMA
RA : RP-SMA
MX : MCX
MM : MMCX
NY : N-Type
P1 - I-PEX
N : Panel
P : PCB Thur-hole
S : PCB SMT
A : 50 Ω
15.1±0.15
0.8
1.3
1.94+0.4
-0.8
6.1
4 x 1.02SQ
4.5
1/4" -36UNEF-2A
6.1
4 x 1.02SQ
SMA PCB Mount Female Right Angle Connector
Part No. SCNRF-6AAP-SAFR
Gold
Brass
Body
Gold
Brass
Center Contact
-
Teflon
Dielectric
FINISH
MATERIAL
COMPONENT
Recommended
Mounting
Layout
SQ 1.02
4.06
7 SQ
13.45
3.95
1/4" -36 UNEF-2A
SMA PCB Mount Female Straight Connector
Part No. SCNRF-6AAP-SAFS
Recommended
Mounting
Layout
Gold
Brass
Body
Gold
Brass
Center Contact
-
Teflon
Dielectric
FINISH
MATERIAL
COMPONENT
15.1±0.15
0.8
1.3
1.94+0.4
-0.8
6.1
4 x 1.02SQ
4.5
1/4" -36UNEF-2A
6.1
4 x 1.02SQ
Part Numbering Guide
Units
ELECTRICAL PARAMETERS (At 25ºC)
SMA
RP-SMA
MCX
MMCX
N-Type
I-PEX


Similar Part No. - SCNRF

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SCNR4012 BEL-SCNR4012 Datasheet
835Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SCNR4012-100 BEL-SCNR4012-100 Datasheet
835Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SCNR4012-150 BEL-SCNR4012-150 Datasheet
835Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SCNR4012-1R0 BEL-SCNR4012-1R0 Datasheet
835Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SCNR4012-1R5 BEL-SCNR4012-1R5 Datasheet
835Kb / 1P
SMD POWER INDUCTORS Open frame construction.
More results

Similar Description - SCNRF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM351-2 STMICROELECTRONICS-STM351-2 Datasheet
33Kb / 3P
RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
STM376-2 STMICROELECTRONICS-STM376-2 Datasheet
33Kb / 3P
RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
logo
Renesas Technology Corp
REJ03F0087-0100Z RENESAS-REJ03F0087-0100Z Datasheet
445Kb / 28P
RF Transceiver for Short-range Wireless
logo
Oscilent Corporation
802-RF853.5M-A OSCILENT-802-RF853.5M-A Datasheet
357Kb / 3P
RF SAW Filter for Wireless Communication
803-RF935.5M-B OSCILENT-803-RF935.5M-B Datasheet
149Kb / 2P
RF SAW Filter for Wireless
805-RF250.0M-A OSCILENT-805-RF250.0M-A Datasheet
182Kb / 2P
RF SAW Filter for Wireless Communication
logo
HOPE Microelectronics C...
RFM210LW HOPE-RFM210LW Datasheet
1Mb / 17P
Wireless applications
logo
NXP Semiconductors
TCA07F NXP-TCA07F Datasheet
85Kb / 3P
Integrated Miniaturized Antenna for 433 MHz ISM Band Wireless RF Applications
Ver 3.2 9/13/2000
logo
Renesas Technology Corp
P9027LP-R RENESAS-P9027LP-R Datasheet
2Mb / 28P
Wireless Power Receiver for ≤ 3W Applications
April 28, 2016
logo
AAEON Technology
SCA-RF AAEON-SCA-RF Datasheet
501Kb / 2P
SCA-RF is an RF Module with Wireless Capabilities, Suitable for Smart City/ Industrial Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com