Electronic Components Datasheet Search
  English  ▼

X  

M3SDY Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M3SDY
Description  Super-space-saving Signal Conditioners M3S-UNIT Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3SDY Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M3SDY Datasheet HTML 1Page - M-System Co.,Ltd. M3SDY Datasheet HTML 2Page - M-System Co.,Ltd. M3SDY Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: M3SDY
M3SDY SPECIFICATIONS
ES-7710 Rev.4 Page 3/3
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
–
Isolation
S
Z
Low Drift
Amplifier
Output
Driver
+
–
1
2
3
4
+
–
OUTPUT
5
6
8
7
POWER
POWER LED
24V DC
Supply
Shortcircuit
Portection
249.5Ω
+
–
2-WIRE
TRANSMITTER
+
–
–
+
V
MONITOR
3
1
4
2
When Used as DC Supply
When Used as Isolator
249.5Ω
+
–
+
–
2-WIRE
TRANSMITTER
+
–
3
1
4
2
249.5Ω
+
–
+
–
INPUT
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com