Electronic Components Datasheet Search
  English  ▼

X  

HM7201 Datasheet(PDF) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7201
Description  5mA~450mA Constant Current Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7201 Datasheet(HTML) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7201 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7201 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7201 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7201 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7201 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7201 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7201 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7201 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7201 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
DC CHARACTERISTICS
VP=3.0V, Cp = 0.1uF, Ta =25oC; unless otherwise specified.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
HM7200-5~HM7203
1.5
40
HM7206~HM7210
2
40
HM7212~HM7218
2.5
40
VP
Supply voltage
HM7230~HM7245
3
40
V
HM7200-5
HM7201
HM7202
VP=1.5V~8V
HM7203
HM7206
HM7208
80
VP=2V~8V
HM7210
100
HM7212
120
HM7215
150
VP=2.5V~7V
HM7218
180
HM7230 (Note 2)
300
HM7235 (Note 2)
350
HM7240 (Note 2)
400
IVP
Saturation current
VP=3V~6V
HM7245 (Note 2)
450
mA
IAC
Current Accuracy
(Note 1)
-3
+3
%
Tc
Temperature Coefficient
Ta=-40°C~125°C
-500
ppm/oC
Note:
(1) The condition can be achieved with the test circuit only. The Current Accuracy may be affected by negative temperature
coefficient and inappropriate package.
(2) For HM7230/HM7235/HM7240/HM7245 high current applications, it is necessary to add a heat sink to lower the case
temperature to below 50oC to guarantee the current accuracy of ±3%.
TEST CIRCUIT
VLED
VP
VS
Rp
ID
Cp
©1999~2016
5mA~450mA Constant Current Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com