Electronic Components Datasheet Search
  English  ▼

X  

HM7202 Datasheet(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7202
Description  5mA~450mA Constant Current Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7202 Datasheet(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM7202 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7202 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7202 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7202 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7202 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7202 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7202 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7202 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7202 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
SOT89-3 Package Outline Drawing
Dimensions in mm
Dimensions in inch
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
4.39
--
4.60
0.173
--
0.181
B
1.50
--
1.83
0.059
--
0.072
C
2.29
--
2.59
0.090
--
0.102
D
0.89
--
1.19
0.035
--
0.047
E
3.94
--
4.24
0.155
--
0.167
F
0.36
--
0.48
0.014
--
0.019
G
0.43
--
0.56
0.017
--
0.022
H
--
1.50
--
--
0.059
--
I
1.40
--
1.60
55
--
63
J
0.36
--
0.43
14
--
17
©1999~2016
5mA~450mA Constant Current Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com