Electronic Components Datasheet Search
  English  ▼

X  

SVC75L Datasheet(PDF) 1 Page - Suntsu Electronics, Inc.

Part # SVC75L
Description  Ceramic SMT 6 Pad LVDS VCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

SVC75L Datasheet(HTML) 1 Page - Suntsu Electronics, Inc.

  SVC75L Datasheet HTML 1Page - Suntsu Electronics, Inc. SVC75L Datasheet HTML 2Page - Suntsu Electronics, Inc. SVC75L Datasheet HTML 3Page - Suntsu Electronics, Inc. SVC75L Datasheet HTML 4Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SVC75L Series
Ceramic SMT 6 Pad LVDS VCXO
7.0mm x 5.0mm
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
Phase Jitter (12KHz ~ 20MHz)
PLL (Phase Lock Loop).
3
ms
5
• ±20ppm (Frequency Stability) Available
• Miniature Package
• LVDS
• Fundamental or PLL (Phase Lock Loop) Available
• Tape and Reel
• Fiber Channel
• Gigabit Ethernet
• PCI Express
• SONET
Features
Applications
Frequency Range
Storage Temperature
Supply Voltage (VDD) 2.5V Option
See part numbering guide for options.
MHz
°C
°C
80
+85
+125
9.5
-40
-55
Current (IDD) 2.5V Option
Current Voltage (VC) 3.3V Option
Only available with AT-Cut Fundamental.
2.5
V
mA
V
2.625
50
3.0
2.375
0.3
Operating Temperature
Frequency Stability (Includes Initial
Tolerance at 25°C, Frequency
Stability over Op Temperature,
Output Load Change, Supply
Voltage Change, and First Year
Aging at 25°C.)
See part numbering guide for options.
ppm
-20
+20
Pullability
Output Logic LOW Level (VOL)
Output Load (LVDS)
See part numbering guide for options.
±100
1.1
ppm
V
Ω
±150
±50
0.9
100
Linearity
%
10
Output Logic HIGH Level (VOH)
1.43
V
1.6
Supply Voltage (VDD) 3.3V Option
Available with AT-Cut Fundamental and PLL.
3.3
V
3.465
3.135
Current (IDD) 3.3V Option
mA
60
Current Voltage (VC) 2.5V Option
V
2.3
0.2
Rise (TR) And Fall (TF) Time
Measured at 20% to 80% of Waveform.
0.4
ns
0.8
Symmetry (Duty Cycle)
50
%
55
45
Tri-State Input Voltage - Enable
No Connection
V
0.7*VDD
Tri-State Input Voltage - Disable
V
0.3*VDD
Start-Up Time
ms
10
Phase Jitter (12KHz ~ 20MHz)
AT-Cut Fundamental.
0.4
ps
1
Typical
Units
Electrical Parameters
Maximum
Remarks
Minimum
SVC 75 L 3 A 48 A 2 - 67.500M
Cage Code: 4GUT4
To customize your parameters contact a Suntsu representative.
* For frequency stability option E contact a Suntsu representative.
SUNTSU VCXO
7.0mm x 5.0mm
LVDS
Part Numbering Guide
COMPLIANT
FREQUENCY STABILITY
FREQUENCY
A : ±50ppm
B : ±30ppm
C : ±25ppm
D : ±20ppm
*E : ±15ppm
07 : 0°C - +70°C
16 : -10°C - +60°C
17 : -10°C - +70°C
27 : -20°C - +70°C
38 : -30°C - +85°C
48 : -40°C - +85°C
MHz
SUPPLY VOLTAGE
2 : 2.5V±5%
3 : 3.3V±5%
TRI-STATE
(ENABLE/DISABLE)
BLANK : No Connect
2 : Pin 2
PULLABILITY
A : ±150ppm
B : ±100ppm
C : ±80ppm
D : ±50ppm
OPERATING
TEMPERATURE RANGE


Similar Part No. - SVC75L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVC751D-10A ETC1-SVC751D-10A Datasheet
2Mb / 17P
CERAMIC SURGE ABSORBERS (VARISTORS)
logo
SAMWHA ELECTRIC
SVC751D-10A SAMWHA-SVC751D-10A Datasheet
2Mb / 10P
SVC Varistors Type
logo
List of Unclassifed Man...
SVC751D-14A ETC1-SVC751D-14A Datasheet
2Mb / 17P
CERAMIC SURGE ABSORBERS (VARISTORS)
logo
SAMWHA ELECTRIC
SVC751D-14A SAMWHA-SVC751D-14A Datasheet
2Mb / 10P
SVC Varistors Type
logo
List of Unclassifed Man...
SVC751D-20A ETC1-SVC751D-20A Datasheet
2Mb / 17P
CERAMIC SURGE ABSORBERS (VARISTORS)
More results

Similar Description - SVC75L

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SQV32C SUNTSU-SQV32C Datasheet
825Kb / 4P
Ceramic SMT 6 Pad CMOS VCXO
SQV53C SUNTSU-SQV53C Datasheet
800Kb / 4P
Ceramic SMT Quick Turn 6 Pad CMOS VCXO
SQV53L SUNTSU-SQV53L Datasheet
665Kb / 4P
Ceramic SMT Quick Turn 6 Pad LVDS VCXO
SQV53P SUNTSU-SQV53P Datasheet
785Kb / 4P
Ceramic SMT Quick Turn 6 Pad LVPECL VCXO
SQV75L SUNTSU-SQV75L Datasheet
822Kb / 4P
Ceramic SMT Quick Turn 6 Pad LVDS VCXO
SQV75P SUNTSU-SQV75P Datasheet
696Kb / 4P
Ceramic SMT Quick Turn 6 Pad LVPECL VCXO
SVC53C SUNTSU-SVC53C Datasheet
718Kb / 4P
Ceramic SMT 6 Pad CMOS VCXO
SVC75C SUNTSU-SVC75C Datasheet
670Kb / 4P
Ceramic SMT 6 Pad CMOS VCXO
SVC75P SUNTSU-SVC75P Datasheet
703Kb / 4P
Ceramic SMT 6 Pad LVPECL VCXO
SVCF6L SUNTSU-SVCF6L Datasheet
648Kb / 4P
FR4 PCB 6 Pad LVDS VCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com