Electronic Components Datasheet Search
  English  ▼

X  

SVCHSC Datasheet(PDF) 1 Page - Suntsu Electronics, Inc.

Part # SVCHSC
Description  Metal Half Size Dip CMOS VCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

SVCHSC Datasheet(HTML) 1 Page - Suntsu Electronics, Inc.

  SVCHSC Datasheet HTML 1Page - Suntsu Electronics, Inc. SVCHSC Datasheet HTML 2Page - Suntsu Electronics, Inc. SVCHSC Datasheet HTML 3Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SVCHSC Series
Metal Half Size Dip CMOS VCXO
13.2mm x 13.2mm
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
• ±20ppm (Frequency Stability) Available
• Standard Half Size Package
• CMOS/TTL Compatible
• Fundamental or PLL (Phase Lock Loop)
Available
• Phase Locked Loops Circuit
• Synthesizers
• Base Stations
Features
Applications
Frequency Range
Storage Temperature
Supply Voltage (VDD) 3.3V Option
See part numbering guide for options.
MHz
°C
°C
160
+85
+125
1
-40
-55
Current (IDD) 3.3V Option
Current Voltage (VC) 5.0V Option
3.3
V
mA
V
3.465
40
4.5
3.135
0.5
Operating Temperature
Frequency Stability (Includes Initial
Tolerance at 25°C, Frequency
Stability over Operating
Temperature, Output Load Change,
Supply Voltage Change, and First
Year Aging at 25°C.)
See part numbering guide for options.
ppm
-20
+20
Pullability
TTL Output Logic HIGH (VOH)
CMOS Output Logic HIGH (VOH)
Symmetry (Duty Cycle)
See part numbering guide for options.
±100
50
ppm
V
ns
V
%
±150
5
55
±50
2.4
0.9*VDD
45
Rise (TR) And Fall (TF) Time
V
0.4
Output Load (TTL)
TTL
10
TTL Output Logic LOW (VOL)
CMOS Output Logic LOW (VOL)
V
0.1*VDD
Supply Voltage (VDD) 5.0V Option
5.0
V
5.250
4.750
Current (IDD) 5.0V Option
mA
50
Current Voltage (VC) 3.3V Option
V
3.0
0.3
Start-Up Time
ms
10
Phase Jitter (12KHz ~ 20MHz)
AT-Cut Fundamental
ps
1
Phase Jitter (12KHz ~ 20MHz)
PLL (Phase Lock Loop)
ps
5
Linearity
%
10
Output Load (CMOS)
pF
15
Typical
Units
Electrical Parameters
Maximum
Remarks
Minimum
SVC HS C 3 A 48 A - 40.000M
Cage Code: 4GUT4
To customize your parameters contact a Suntsu representative.
* For frequency stability option E contact a Suntsu representative.
SUNTSU VCXO
HALF SIZE
CMOS
Part Numbering Guide
COMPLIANT
FREQUENCY STABILITY
FREQUENCY
A : ±50ppm
B : ±30ppm
C : ±25ppm
D : ±20ppm
*E : ±15ppm
07 : 0°C - +70°C
16 : -10°C - +60°C
17 : -10°C - +70°C
27 : -20°C - +70°C
38 : -30°C - +85°C
48 : -40°C - +85°C
MHz
SUPPLY VOLTAGE
3 : 3.3V±5%
5 : 5.0V±5%
PULLABILITY
A : ±150ppm
B : ±100ppm
C : ±80ppm
D : ±50ppm
OPERATING
TEMPERATURE RANGE


Similar Part No. - SVCHSC

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
SVC APEX-ELECTRONICS-SVC Datasheet
363Kb / 2P
Slide Potentiometer, 1M life cycle, high precision
logo
Eravant
SVC-530160061-A1 ERAVANT-SVC-530160061-A1 Datasheet
222Kb / 1P
Wave-Glide™ Rail Protective Case
Rev 1.1
logo
Juniper Networks, Inc.
SVC-COR-QFX51-48M JUNIPER-SVC-COR-QFX51-48M Datasheet
722Kb / 14P
QFX5120 ETHERNET SWITCH
Jan 2024
SVC-COR-QFX5KC1-MS JUNIPER-SVC-COR-QFX5KC1-MS Datasheet
722Kb / 14P
QFX5120 ETHERNET SWITCH
Jan 2024
logo
Arista Networks, Inc
SVC-DCA-250-CV-NBD ARISTA-SVC-DCA-250-CV-NBD Datasheet
1Mb / 8P
CloudVision®
01/2024
More results

Similar Description - SVCHSC

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VVB1 VECTRON-VVB1 Datasheet
52Kb / 2P
Half Size VCXO
logo
Oscilent Corporation
320-4.0M-3DN-TNC OSCILENT-320-4.0M-3DN-TNC Datasheet
143Kb / 3P
Metal Dip Half Size Clock Oscillators
350-6.144M-5DN-TNC OSCILENT-350-6.144M-5DN-TNC Datasheet
143Kb / 3P
Metal Dip Half Size Programmable XO
logo
ILSI America LLC
I202 ILSI-I202 Datasheet
48Kb / 2P
Leaded Oscillator, VCXO, TTL / HC-MOS Metal Package, Full Size DIP and Half DIP
I212 ILSI-I212 Datasheet
47Kb / 2P
Leaded Oscillator, VCXO, TTL / HC-MOS Metal Package, Full Size DIP and Half DIP
HCOF ILSI-HCOF Datasheet
57Kb / 2P
Metal Package Full Size DIP and Half DIP, TTL / HC-MOS
logo
Suntsu Electronics, Inc...
SXOHSC SUNTSU-SXOHSC Datasheet
373Kb / 3P
Metal Half Size DIP CMOS Oscillator
SOCFSC SUNTSU-SOCFSC Datasheet
466Kb / 3P
Metal Full Size DIP CMOS OCXO
STCFSC SUNTSU-STCFSC Datasheet
346Kb / 3P
Metal Full Size Dip CMOS (VC)TCXO
SVCFSC SUNTSU-SVCFSC Datasheet
374Kb / 3P
Metal Full Size Dip CMOS VCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com