Electronic Components Datasheet Search
  English  ▼

X  

SV60K7 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # SV60K7
Description  Special Medium Voltage Varistors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SV60K7 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  SV60K7 Datasheet HTML 1Page - Bourns Electronic Solutions SV60K7 Datasheet HTML 2Page - Bourns Electronic Solutions SV60K7 Datasheet HTML 3Page - Bourns Electronic Solutions SV60K7 Datasheet HTML 4Page - Bourns Electronic Solutions SV60K7 Datasheet HTML 5Page - Bourns Electronic Solutions SV60K7 Datasheet HTML 6Page - Bourns Electronic Solutions SV60K7 Datasheet HTML 7Page - Bourns Electronic Solutions SV60K7 Datasheet HTML 8Page - Bourns Electronic Solutions SV60K7 Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
3312 - 2 mm SMD Trimming Potentiometer
SV Series - Special Medium Voltage Varistors
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Device Ratings (Continued)
Model
Vrms
Vdc
Vn
@ 1 mA
Vc
Ic
Wmax
10/1000 µs
P
max.
Imax*
8/20 µs
C Typ.
@ 1 kHz
V
V
V
V
A
J
W
A
pF
SV 275 K 5
275
350
430
680
5
20
0.1
600
90
SV 275 K 7
275
350
430
680
10
44
0.25
1750
220
SV 275 K 10
275
350
430
680
25
97
0.4
3500
350
SV 275 K 14
275
350
430
680
50
187
0.6
8000
550
SV 275 K 20
275
350
430
680
100
380
1
12000
1030
SV 275 K 23
275
350
430
680
100
481
1
15000
1800
SV 300 K 7
300
385
470
700
10
46
0.25
1750
200
SV 300 K 10
300
385
470
700
25
102
0.4
3500
320
SV 300 K 14
300
385
470
700
50
211
0.6
8000
510
SV 300 K 20
300
385
470
700
100
437
1
12000
940
SV 300 K 23
300
385
470
700
100
554
1
15000
1650
SV 320 K 10
320
420
510
760
25
144
0.4
3500
300
SV 320 K 14
320
420
510
760
50
230
0.6
8000
480
SV 320 K 20
320
420
510
760
100
485
1
12000
860
SV 320 K 23
320
420
510
760
100
611
1
15000
1520
SV 385 K 10
385
505
620
900
25
116
0.4
3500
270
SV 385 K 14
385
505
620
900
50
241
0.6
8000
410
SV 385 K 20
385
505
620
900
100
495
1
12000
710
SV 385 K 23
385
505
620
900
100
624
1
15000
1250
SV 420 K 10
420
560
680
980
25
121
0.4
3500
240
SV 420 K 14
420
560
680
980
50
253
0.6
8000
380
SV 420 K 20
420
560
680
980
100
523
1
12000
680
SV 420 K 23
420
560
680
980
100
670
1
15000
1200
SV 460 K 10
460
615
750
1080
25
132
0.4
3500
230
SV 460 K 14
460
615
750
1080
50
275
0.6
8000
350
SV 460 K 20
460
615
750
1080
100
572
1
12000
620
SV 460 K 23
460
615
750
1080
100
728
1
15000
1080
SV 510 K 10
510
670
820
1200
25
144
0.4
3500
210
SV 510 K 14
510
670
820
1200
50
284
0.6
8000
330
SV 510 K 20
510
670
820
1200
100
598
1
12000
570
SV 510 K 23
510
670
820
1200
100
750
1
15000
1000
SV 550 K 10
550
745
910
1350
25
168
0.4
3500
200
SV 550 K 14
550
745
910
1350
50
330
0.6
8000
310
SV 550 K 20
550
745
910
1350
100
644
1
12000
510
SV 550 K 23
550
745
910
1350
100
815
1
15000
900
Model SVxxxK 20 with Imax = 1 x 15 kA @ 8/20 µs available upon request.
Model SVxxxK 23 with Imax = 1 x 20 kA @ 8/20 µs available upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com