Electronic Components Datasheet Search
  English  ▼

X  

TMUX7208 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMUX7208
Description  TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7208 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMUX7208_V01 Datasheet HTML 3Page - Texas Instruments TMUX7208_V01 Datasheet HTML 4Page - Texas Instruments TMUX7208_V01 Datasheet HTML 5Page - Texas Instruments TMUX7208_V01 Datasheet HTML 6Page - Texas Instruments TMUX7208_V01 Datasheet HTML 7Page - Texas Instruments TMUX7208_V01 Datasheet HTML 8Page - Texas Instruments TMUX7208_V01 Datasheet HTML 9Page - Texas Instruments TMUX7208_V01 Datasheet HTML 10Page - Texas Instruments TMUX7208_V01 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
7.3 Thermal Information
THERMAL METRIC(1)
TMUX720x
UNIT
PW (TSSOP)
RUM (WQFN)
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
93.5
41.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
24.9
24.5
°C/W
RθJB
Junction-to-board thermal resistance
40.0
16.1
°C/W
ΨJT
Junction-to-top characterization parameter
1.0
0.2
°C/W
ΨJB
Junction-to-board characterization parameter
39.4
16.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
2.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD – VSS (1) Power supply voltage differential
4.5
44
V
VDD
Positive power supply voltage
4.5
44
V
VS or VD
Signal path input/output voltage (source or drain pin) (Sx, D)
VSS
VDD
V
VSEL or VEN
Address or enable pin voltage
0
44
V
IS or ID (CONT) Source or drain continuous current (Sx, D)
IDC (2)
mA
TA
Ambient temperature
–40
125
°C
(1)
VDD and VSS can be any value as long as 4.5 V ≤ (VDD – VSS) ≤ 44 V, and the minimum VDD is met.
(2)
Refer to Source or Drain Continuous Current table for IDC specifications.
7.5 Source or Drain Continuous Current
at supply voltage of VDD ± 10%, VSS ± 10 % (unless otherwise noted)
CONTINUOUS CURRENT PER CHANNEL (IDC)
TA = 25°C
TA = 85°C
TA = 125°C
UNIT
PACKAGE
TEST CONDITIONS
PW (TSSOP)
+44 V Dual Supply(1)
300
190
110
mA
±15 V Dual Supply
300
190
110
mA
+12 V Single Supply
220
150
90
mA
±5 V Dual Supply
210
140
90
mA
+5 V Single Supply
170
110
70
mA
RUM (WQFN)
+44 V Single Supply(1)
400
230
120
mA
±15 V Dual Supply
400
230
120
mA
+12 V Single Supply
310
190
100
mA
±5 V Dual Supply
300
190
100
mA
+5 V Single Supply
230
150
90
mA
(1)
Specified for nominal supply voltage only.
www.ti.com
TMUX7208, TMUX7209
SCDS418B – JULY 2020 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMUX7208 TMUX7209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com