Electronic Components Datasheet Search
  English  ▼

X  

HT83048 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT83048
Description  Q-Voice
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83048 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT83048 Datasheet HTML 11Page - Holtek Semiconductor Inc HT83048 Datasheet HTML 12Page - Holtek Semiconductor Inc HT83048 Datasheet HTML 13Page - Holtek Semiconductor Inc HT83048 Datasheet HTML 14Page - Holtek Semiconductor Inc HT83048 Datasheet HTML 15Page - Holtek Semiconductor Inc HT83048 Datasheet HTML 16Page - Holtek Semiconductor Inc HT83048 Datasheet HTML 17Page - Holtek Semiconductor Inc HT83048 Datasheet HTML 18Page - Holtek Semiconductor Inc HT83048 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
HT83XXX
Rev. 0.10
15
August 25, 2003
Preliminary
Reset
There are 3 ways in which a reset can occur:
· RES reset during normal operation
· RES reset during HALT
· WDT time-out reset during normal operation
The WDT time-out during HALT is different from other
chip reset conditions, since it can perform a
²warm re -
set
² that resets only the PC and SP, leaving the other cir-
cuits in their original state. Some registers remain un-
changed during any other reset conditions. Most
registers are reset to their
²initial condition² when the re-
set conditions are met. By examining the PDF flag and
TO flag, the program can distinguish between different
²chip resets².
TO PDF
RESET Conditions
0
0
RES reset during power-up
u
u
RES reset during normal operation
0
1
RES wake-up HALT
1
u
WDT time-out during normal operation
1
1
WDT wake-up HALT
Note:
²u² stands for ²unchanged²
To guarantee that the system oscillator has started and
stabilized, the SST (System Start-up Timer) provides an
extra-delay of 1024 system clock pulses after a system
power up or when awakening from a HALT state.
When a system power up occurs, the SST delay is
added during the reset period. But when the reset co-
mes from the RES pin, the SST delay is disabled. Any
wake-up from HALT will enable the SST delay.
Reset Timing Chart
Reset Circuit
Reset Configuration
The functional unit chip reset status are shown below.
PC
000H
Interrupt
Disable
Prescaler
Clear
WDT
Clear. After master reset,
WDT begins counting
Timer counter
Off
Input/output ports
Input mode
SP
Points to the top of the stack
Timer Counter 0/1
The TMR0/TMR1 is internal clock source only, i.e. (TM1,
TM0)=(1,0). There is a 3-bit prescaler (TMRS2, TMRS1,
TMRS0) which defines different division ratio of
TMR0/TMR1
¢s clock source.
Label
Bits
Function
TMRS2,
TMRS1,
TMRS0
0~2
Defines the operating clock source
(TMRS2, TMRS1, TMRS0)
000: clock source/2
001: clock source/4
010: clock source/8
011: clock source/16
100: clock source/32
101: clock source/64
110: clock source/128
111: clock source/256
TE
3
Defines the TMR0/TMR1 active edge
of timer counter
TON
4
Enable/disable timer counting
(0=disabled; 1=enabled)
¾
5
Unused bit, read as
²0²
TM0,
TM1
6
7
Defines the operating mode
(TM1, TM0)
TMR0C/TMR1C Register
Note:
TMR0C/TMR1C bit 3 always write
²0²
TMR0C/TMR1C bit 5 always write
²0²
TMR0C/TMR1C bit 6 always write
²1²
TMR0C/TMR1C bit 7 always write
²0²
t S S T
R E S
V D D
S S T T i m e - o u t
C h i p R e s e t
R E S
V D D
W D T
H A L T
W D T
T i m e - o u t
R e s e t
R E S
C o l d
R e s e
W a r m R e s e t
P o w e r - o n D e t e c t i n g
S S T
1 0 - s t a g e
R i p p l e C o u n t e r
O S C I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com