Electronic Components Datasheet Search
  English  ▼

X  

MCS-96 Datasheet(PDF) 15 Page - Intel Corporation

Part # MCS-96
Description  MCS-51 and MCS-96 Packaging Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

MCS-96 Datasheet(HTML) 15 Page - Intel Corporation

Back Button MCS-96 Datasheet HTML 8Page - Intel Corporation MCS-96 Datasheet HTML 9Page - Intel Corporation MCS-96 Datasheet HTML 10Page - Intel Corporation MCS-96 Datasheet HTML 11Page - Intel Corporation MCS-96 Datasheet HTML 12Page - Intel Corporation MCS-96 Datasheet HTML 13Page - Intel Corporation MCS-96 Datasheet HTML 14Page - Intel Corporation MCS-96 Datasheet HTML 15Page - Intel Corporation MCS-96 Datasheet HTML 16Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
MCS-51 AND MCS-96 PACKAGING INFORMATION
100-LEAD PLASTIC QUAD FLATPACK PACKAGE
272118±10
Family: Plastic Quad Flatpack (0.025 Inch (0.635mm) Pitch)
Symbol
Description
Inches Approx
Millimeters Approx
A
Package Height
0.2
5
D, E
Terminal Dimension
0.9
23
For exact dimensions consult the Packaging Handbook ( 240800).
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com