Electronic Components Datasheet Search
  English  ▼

X  

PQ15RF2 Datasheet(PDF) 8 Page - Sharp Corporation

Part # PQ15RF2
Description  Low Power-Loss Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ15RF2 Datasheet(HTML) 8 Page - Sharp Corporation

  PQ15RF2 Datasheet HTML 1Page - Sharp Corporation PQ15RF2 Datasheet HTML 2Page - Sharp Corporation PQ15RF2 Datasheet HTML 3Page - Sharp Corporation PQ15RF2 Datasheet HTML 4Page - Sharp Corporation PQ15RF2 Datasheet HTML 5Page - Sharp Corporation PQ15RF2 Datasheet HTML 6Page - Sharp Corporation PQ15RF2 Datasheet HTML 7Page - Sharp Corporation PQ15RF2 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
248
Low Power-Loss Voltage Regulators
PQ05RF2/PQ05RF21/PQ05RF2V Series
s Outline Dimensions (PQ05RF2A/PQ05RF2B Series)
Note) The value of absolute maximum ratings and electrical characteristics is same as ones of PQ05RF2/21series.
s Precautions for Use
(1) Minute adjustment of output voltage (PQ05RF2V series)
If the external resistor is attached to the terminals ➁, ➂ and ➃, minute adjustment of output voltage is possible.
(Refer to the example of basic circuit (PQ05RF2V series) and Fig.5 to 8.)
PQ05RF2
Specific IC
Internal connection diagram
10.2MAX
ø3.2
±0.1
+0.3
–0
4–1.4
+0.2
–0.1
4–0.6
3–(2.54)
4.5
±0.2
2.8
±0.2
(3.2)
5
±0.5
8.2
±0.7
(0.5)
(1.5)
¡
(
) : Typical value
¡
Radius of lead forming portion : R=0.5 to 1.5mm
PQ05RF2/21series
➀ DC input(VIN)
➁ DC output(VO)
➂ GND
➃ ON/OFF control
terminal(VC)
PQ05RF2Vseries
➀ DC input(VIN)
➁ DC output(VO)
➂ GND
➃ Output voltage
minute
adjustment
terminal(VADJ)
➀➁ ➂ ➃
➀
➁
➂
➃
(Unit : mm)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com