Electronic Components Datasheet Search
  English  ▼

X  

PBO-5C Datasheet(PDF) 6 Page - CUI INC

Part # PBO-5C
Description  INTERNAL AC-DC POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-5C Datasheet(HTML) 6 Page - CUI INC

  PBO-5C Datasheet HTML 1Page - CUI INC PBO-5C Datasheet HTML 2Page - CUI INC PBO-5C Datasheet HTML 3Page - CUI INC PBO-5C Datasheet HTML 4Page - CUI INC PBO-5C Datasheet HTML 5Page - CUI INC PBO-5C Datasheet HTML 6Page - CUI INC PBO-5C Datasheet HTML 7Page - CUI INC PBO-5C Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
cui.com
date 11/18/2020
│ page 6 of 8
CUI Inc
│ SERIES: PBO-5C │ DESCRIPTION: AC-DC POWER SUPPLY
Application enviromental
Ambient temperature range
Imunity Class
Emissions Class
Basic application
-40°C ~ 85°C
Class III
Class A
Component
Recommended value
FUSE (required)
1A/300V, slow blow
R1 (wire-wound resistor, required)
12Ω/3W
LDM
4.7mH/15Ω max/0.2A min
Note: R1 must be a wire-wound resistor; do not use a chip or carbon film resistor.
Application enviromental
Ambient temperature range
Imunity Class
Emissions Class
Indoor civil / general
-25°C ~ 55°C
Class III
Class B
Component
Recommended value
R1 (wire-wound resistor, required)
12Ω/3W
LDM
1.2mH/ 4Ω/0.2A
CX
0.1µF/310Vac
FUSE (required)
1A/300V, slow-blow
Note:
1. For Smart Home and Home Appliance applications two Y-capacitors are required in series (2.2 nF/250 Vac each) to meet 60335 household safety requirements.
2. Many safety standards require a bleeder resistor no greater than 3.8MΩ in parallel with the X-capacitor.
3. R1 must be a wire-wound resistor; do not use a chip or carbon film resistor.
Table 1
Circuit 1
Table 2
Circuit 2
APPLICATION DESIGN REFERENCE (CONTINUED)
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com