Electronic Components Datasheet Search
  English  ▼

X  

K2000 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # K2000
Description  Silicon Bilateral Voltage Triggered Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

K2000 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  K2000 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd K2000 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
n Features
n General Description
l AC circuit oriented
l Glass-passivated junctions
l High surge current capability
n Applications
l High voltage lamp ignitors
l Natural gas ignitors
l Gas oil ignitors
l High voltage power supplies
l Xenon ignitors
l Over voltage protector
l Pulse generators
l Fluorescent lighting ignitors
l HID surge current capability
The
sidac
is
a
silicon
bilateral
voltage
triggered switch with greater power-handling
capabilities
than
standard
diacs.
Upon
application of a voltage exceeding the sidac
breakover voltage point, the sidac switches on
through a negative resistance region to a low
on-state voltage. Conduction continues until
the current is interrupted or drops below the
minimum holding current of the device.
Variations of devices covered in this data
sheet
are
available
for
custom
design
applications. Consult the factory for more
information.
n Electrical Characteristics
VBO
VDRM
IDRM
IT
IH
VTM
Part No
Breakover Voltage
(Instantaneous
clamping voltage)
Blocking
Voltage
Peak
Off-state
Current at
VDRM
Continuous
On-state
DC or RMS
Current
Holding
Current
Peak
On-state
Voltage IT
=1A
MIN (V)
MAX (V)
MIN (V)
MAX (µA)
MAX (A)
MAX (mA)
MAX (V)
K1005
95
110
75
10
1.0
100
1.5
K1100
104
118
85
10
1.0
100
1.5
K1200
110
125
90
10
1.0
100
1.5
K1300
120
138
95
10
1.0
100
1.5
K1400
130
146
105
10
1.0
100
1.5
K1500
140
170
115
10
1.0
100
1.5
K2000
190
215
150
10
1.0
100
1.5
K2200
205
230
165
10
1.0
100
1.5
K2400
220
250
175
10
1.0
100
1.5
K2500
240
280
190
10
1.0
100
1.5
K3000
270
330
215
10
1.0
100
1.5
Silicon Bilateral Voltage Triggered Switch
K1005-K3000
Rev :
www.leiditech.com
01.06.2018
1/2


Similar Part No. - K2000

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
K2000 LEIDITECH-K2000 Datasheet
644Kb / 6P
High voltage lamp ignitors
logo
Teccor Electronics
K2000E70 TECCOR-K2000E70 Datasheet
269Kb / 6P
silicon bilateral voltage triggered switch
K2000E70 TECCOR-K2000E70 Datasheet
2Mb / 224P
Thyristor Product Catalog
logo
Littelfuse
K2000E70 LITTELFUSE-K2000E70 Datasheet
181Kb / 7P
High-voltage lamp ignitors
K2000E70AP LITTELFUSE-K2000E70AP Datasheet
1Mb / 12P
Teccor짰 brand Thyristors Standard Bidirectional SIDACs
More results

Similar Description - K2000

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
SIDAC TECCOR-SIDAC Datasheet
269Kb / 6P
silicon bilateral voltage triggered switch
logo
List of Unclassifed Man...
K105 ETC1-K105 Datasheet
101Kb / 2P
Silicon Bilateral Voltage Triggered Switch
logo
Suntac Electronic Corp.
SDB0900E70 SUNTAC-SDB0900E70 Datasheet
127Kb / 6P
silicon bilateral voltage triggered switch
logo
Powerex Power Semicondu...
BS08D-T112 POWEREX-BS08D-T112 Datasheet
326Kb / 4P
Silicon Bilateral Switch
logo
SUNMATE electronic Co.,...
DB3 SUNMATE-DB3 Datasheet
151Kb / 2P
2A Axial Leaded Silicon Bilateral Voltage Triggered
logo
Jinan Jingheng (Group) ...
DB105A JINANJINGHENG-DB105A Datasheet
98Kb / 5P
Bilateral Voltage triggered Switch
logo
Powerex Power Semicondu...
BS08D-112 POWEREX-BS08D-112 Datasheet
194Kb / 4P
Silicon Bilateral Switch
BS08A POWEREX-BS08A Datasheet
403Kb / 6P
Silicon Bilateral Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com