Electronic Components Datasheet Search
  English  ▼

X  

HM225 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM225
Description  capacitive touch dimming chip specially designed for LED desk lamps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM225 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM225 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM225 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM225 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM225 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM225 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM225 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
一.概述
HM225 是一颗专为 LED 台灯设计的电容式触摸调光芯片,通过触摸键实现 ON/OFF 控制、无级调光或分
段调光控制。具有亮度断电记忆、ON/OFF 亮灭视角缓冲保护眼睛与视力的效果。
二.特点
 工作电压:2.0V~5.5V
 待机工作电流<3uA@3.0V(低功耗模式下)
 电源稳定后,0.5sec 内完成上电初始化
 外部引脚选择多种模式选择
 内置稳压电路,可配置启用或禁止
 灵敏度自动校准功能,工作环境发生变化可以快速自动适应
 亮度随意调节,输出 2KHz 的 PWM 调光信号
 高可靠性,芯片内置去抖动电路,可有效防止外部噪声干扰而导致的误动作
 支持 ON/OFF 模式,3 段调光模式、无级调光模式
 可用于玻璃、陶瓷、塑料等介质表面
 超小封装,可支持 SOP-8/SOT23-6 封装
三.功能模块图
HM225
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com
1


Similar Part No. - HM225

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM2259C HMSEMI-HM2259C Datasheet
1Mb / 7P
18V 2A 600KHz Synchronous Step-Down Regulator
HM2259D HMSEMI-HM2259D Datasheet
1Mb / 9P
2A, 4.5V-20V Input竊?MHz Synchronous Step-Down Converter
More results

Similar Description - HM225

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
7383-V7C3-ARTA EVERLIGHT-7383-V7C3-ARTA Datasheet
135Kb / 9P
Specially designed for applications
7383-G1C3-ATVA EVERLIGHT-7383-G1C3-ATVA Datasheet
113Kb / 8P
Specially designed for applications
7383-B1C3-AMQA EVERLIGHT-7383-B1C3-AMQA Datasheet
112Kb / 8P
Specially designed for applications
7344-V2T3-ASVA EVERLIGHT-7344-V2T3-ASVA Datasheet
101Kb / 6P
Specially designed for applications
7344-V2C3-AQTB EVERLIGHT-7344-V2C3-AQTB Datasheet
106Kb / 6P
Specially designed for applications
7344-G2T3-AQTB EVERLIGHT-7344-G2T3-AQTB Datasheet
120Kb / 8P
Specially designed for applications
7344-15UBGC-S400-A5 EVERLIGHT-7344-15UBGC-S400-A5 Datasheet
115Kb / 6P
Specially designed for applications
7343-Y5C2-AQTB EVERLIGHT-7343-Y5C2-AQTB Datasheet
100Kb / 7P
Specially designed for applications
7343-G1C2-ASVA EVERLIGHT-7343-G1C2-ASVA Datasheet
127Kb / 7P
Specially designed for applications
EHP-5393-UT31C-P01 EVERLIGHT-EHP-5393-UT31C-P01 Datasheet
200Kb / 12P
Specially designed for applications
1-15-2008
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com