Electronic Components Datasheet Search
  English  ▼

X  

8080970 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8080970
Description  Selector valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8080970 Datasheet(HTML) 1 Page - Festo Corporation.

  8080970 Datasheet HTML 1Page - Festo Corporation. 8080970 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Selector valve
VHEF-ET-M32-M-N18
Part number: 8080970
Data sheet
Feature
Value
Valve function
3/2, open/closed, monostable
Lap
Zero overlap
Cover material
PA-reinforced
Max. force on actuator
200 N
Max. transverse load on actuator
200 N
Operating pressure
-0.095 MPa ... 1 MPa
Actuation type
Manual
Width
20 mm
Standard nominal flow rate
750 l/min
Pneumatic working port
1/8 NPT
Operating pressure
-0.95 bar ... 10 bar
Design
Plate seat
Reset method
Mechanical spring
Nominal width
5.6 mm
Type code
VHEF
Exhaust air function
With flow control option
Application note
Operate by hand only
Sealing principle
Soft
Mounting position
Any
Type of control
Direct
Flow direction
Reversible
Symbol
00995893
Max. switching frequency
0.5 Hz
Explosion prevention and protection
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
1 - Low corrosion stress
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Actuating torque
0.4 Nm
Product weight
206 g
Type of mounting
Optionally:
Front panel mounting
With through-hole
4/22/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 8080970

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8080971 FESTO-8080971 Datasheet
85Kb / 2P
Selector valve
8080972 FESTO-8080972 Datasheet
86Kb / 2P
Selector valve
8080973 FESTO-8080973 Datasheet
85Kb / 2P
Selector valve
8080974 FESTO-8080974 Datasheet
86Kb / 2P
Selector valve
8080976 FESTO-8080976 Datasheet
83Kb / 2P
Selector valve
More results

Similar Description - 8080970

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VHEF-E-B53E-G18 FESTO-VHEF-E-B53E-G18 Datasheet
83Kb / 2P
Selector valve
VHEF-E-M52-M-G18 FESTO-VHEF-E-M52-M-G18 Datasheet
86Kb / 2P
Selector valve
VHEF-ES-B53E-G14 FESTO-VHEF-ES-B53E-G14 Datasheet
83Kb / 2P
Selector valve
VHEF-E-B52-N18 FESTO-VHEF-E-B52-N18 Datasheet
86Kb / 2P
Selector valve
VHEF-E-B53E-N18 FESTO-VHEF-E-B53E-N18 Datasheet
83Kb / 2P
Selector valve
VHEF-E-M52-M-N18 FESTO-VHEF-E-M52-M-N18 Datasheet
86Kb / 2P
Selector valve
VHEF-ES-B52-N18 FESTO-VHEF-ES-B52-N18 Datasheet
89Kb / 2P
Selector valve
VHEF-ES-P53C-M-N18 FESTO-VHEF-ES-P53C-M-N18 Datasheet
90Kb / 2P
Selector valve
VHEF-ES-P53E-M-N14 FESTO-VHEF-ES-P53E-M-N14 Datasheet
88Kb / 2P
Selector valve
VHEF-EST-M32-M-N14 FESTO-VHEF-EST-M32-M-N14 Datasheet
90Kb / 2P
Selector valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com