Electronic Components Datasheet Search
  English  ▼

X  

M62362 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M62362
Description  1280 RESOLUTION 3CH MULTIPLYING D-A CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62362 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M62362 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62362 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62362 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62362 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62362 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62362 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62362 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62362 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
(
/ 8 )
ELECTRIC
MITSUBISHI
M62362P/FP
MITSUBISHI<Dig.Ana.INTERFACE>
1280 RESOLUTION 3CH MULTIPLYING D-A CONVERTER
5
ns
AC CHARACTERISTICS(VDD,VIN=+5V±10%, VDD
≥VIN,GND=VDAref=0V,Ta=-20 ~ +85°C)
Symbol
Unit
Clock "L"pulse width
tCR
Clock rise time
tCKL
Parameter
Test conditions
tCKH
tCF
tDCH
tCHD
tCHL
Limits
Min
Typ
Max
tLDC
tLDH
LD "H" pulse width
tDo
Data output delay time
ns
ns
ns
ns
ns
ns
ns
ns
200
200
200
200
60
100
200
100
100
20
Clock "H"pulse width
Clock fall time
Data set up time
Data hold time
LD set up time
LD hold time
tLDD
µs
ns
70
350
5
CL
≤100pF
No Load
f=10kHz
Data output setting time
Input•Output response time
TIMING CHART
tCKH
tCR
tCF
tDCH
tCHD
tCKL
tLDC
tLDH
tCHL
tLDD
CLK
DI
BS
D-A
OUTPUT
Do
OUTPUT
tDo



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com