Electronic Components Datasheet Search
  English  ▼

X  

8031334 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8031334
Description  Stem actuated valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8031334 Datasheet(HTML) 1 Page - Festo Corporation.

  8031334 Datasheet HTML 1Page - Festo Corporation. 8031334 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Stem actuated valve
VMEF-STC-M32-M-N14
Part number: 8031334
Data sheet
Feature
Value
Valve function
3/2, closed, monostable
Lap
Zero overlap
Operating pressure
0.35 MPa ... 1 MPa
Actuation type
Mechanical
Width
20 mm
Standard nominal flow rate
870 l/min
Pneumatic working port
1/4 NPT
Operating pressure
3.5 bar ... 10 bar
Design
Plate seat
Reset method
Mechanical spring
Nominal width
6 mm
Type code
VMEF
Application note
Do not use as mechanical stop
Sealing principle
Soft
Mounting position
Any
Type of control
Pilot-controlled
Pilot air supply port
Internal
Flow direction
Reversible
Symbol
00991291
Pilot pressure
3.5 bar ... 10 bar
Max. switching frequency
3 Hz
Explosion prevention and protection
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Actuating force
14 N
Product weight
124 g
Type of mounting
With through-hole
Pilot air port 12/14
M5
Pneumatic connection 1
1/4 NPT
Pneumatic connection 2
1/4 NPT
4/22/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 8031334

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8031330 FESTO-8031330 Datasheet
85Kb / 2P
Stem actuated valve
8031331 FESTO-8031331 Datasheet
84Kb / 2P
Stem actuated valve
8031332 FESTO-8031332 Datasheet
84Kb / 2P
Stem actuated valve
8031333 FESTO-8031333 Datasheet
84Kb / 2P
Stem actuated valve
8031335 FESTO-8031335 Datasheet
85Kb / 2P
Stem actuated valve
More results

Similar Description - 8031334

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VMEF-SC-M52-M-G14 FESTO-VMEF-SC-M52-M-G14 Datasheet
82Kb / 2P
Stem actuated valve
VMEF-SCZ-M52-E-G14 FESTO-VMEF-SCZ-M52-E-G14 Datasheet
83Kb / 2P
Stem actuated valve
VMEF-S-M52-E-G14 FESTO-VMEF-S-M52-E-G14 Datasheet
82Kb / 2P
Stem actuated valve
VMEF-STC-M32-M-G18 FESTO-VMEF-STC-M32-M-G18 Datasheet
84Kb / 2P
Stem actuated valve
VMEF-SC-M52-M-N14 FESTO-VMEF-SC-M52-M-N14 Datasheet
82Kb / 2P
Stem actuated valve
VMEF-SCZ-M52-E-N18 FESTO-VMEF-SCZ-M52-E-N18 Datasheet
84Kb / 2P
Stem actuated valve
VMEF-SCZ-M52-M-N14 FESTO-VMEF-SCZ-M52-M-N14 Datasheet
83Kb / 2P
Stem actuated valve
VMEF-SCZ-M52-M-N18 FESTO-VMEF-SCZ-M52-M-N18 Datasheet
85Kb / 2P
Stem actuated valve
VMEF-STC-M32-M-N18 FESTO-VMEF-STC-M32-M-N18 Datasheet
84Kb / 2P
Stem actuated valve
3394 FESTO-3394 Datasheet
97Kb / 2P
Stem actuated valve
4/8/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com