Electronic Components Datasheet Search
  English  ▼

X  

8031337 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8031337
Description  Stem actuated valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8031337 Datasheet(HTML) 1 Page - Festo Corporation.

  8031337 Datasheet HTML 1Page - Festo Corporation. 8031337 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Stem actuated valve
VMEF-STCZ-M32-M-N18
Part number: 8031337
Data sheet
Feature
Value
Valve function
3/2, closed, monostable
Lap
Zero overlap
Operating pressure
-0.095 MPa ... 1 MPa
Actuation type
Mechanical
Width
20 mm
Standard nominal flow rate
750 l/min
Pneumatic working port
1/8 NPT
Operating pressure
-0.95 bar ... 10 bar
Design
Plate seat
Reset method
Mechanical spring
Nominal width
5.6 mm
Type code
VMEF
Application note
Do not use as mechanical stop
Sealing principle
Soft
Mounting position
Any
Type of control
Pilot-controlled
Pilot air supply port
External
Flow direction
Reversible
Symbol
00995674
Pilot pressure
3 bar ... 10 bar
Max. switching frequency
3 Hz
Explosion prevention and protection
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Actuating force
14 N
Product weight
131 g
Type of mounting
With through-hole
Pilot air port 12/14
M5
Pneumatic connection 1
1/8 NPT
Pneumatic connection 2
1/8 NPT
4/22/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 8031337

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8031330 FESTO-8031330 Datasheet
85Kb / 2P
Stem actuated valve
8031331 FESTO-8031331 Datasheet
84Kb / 2P
Stem actuated valve
8031332 FESTO-8031332 Datasheet
84Kb / 2P
Stem actuated valve
8031333 FESTO-8031333 Datasheet
84Kb / 2P
Stem actuated valve
8031334 FESTO-8031334 Datasheet
84Kb / 2P
Stem actuated valve
More results

Similar Description - 8031337

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VMEF-SC-M52-M-G14 FESTO-VMEF-SC-M52-M-G14 Datasheet
82Kb / 2P
Stem actuated valve
VMEF-SCZ-M52-E-G14 FESTO-VMEF-SCZ-M52-E-G14 Datasheet
83Kb / 2P
Stem actuated valve
VMEF-S-M52-E-G14 FESTO-VMEF-S-M52-E-G14 Datasheet
82Kb / 2P
Stem actuated valve
VMEF-STC-M32-M-G18 FESTO-VMEF-STC-M32-M-G18 Datasheet
84Kb / 2P
Stem actuated valve
VMEF-SC-M52-M-N14 FESTO-VMEF-SC-M52-M-N14 Datasheet
82Kb / 2P
Stem actuated valve
VMEF-SCZ-M52-E-N18 FESTO-VMEF-SCZ-M52-E-N18 Datasheet
84Kb / 2P
Stem actuated valve
VMEF-SCZ-M52-M-N14 FESTO-VMEF-SCZ-M52-M-N14 Datasheet
83Kb / 2P
Stem actuated valve
VMEF-SCZ-M52-M-N18 FESTO-VMEF-SCZ-M52-M-N18 Datasheet
85Kb / 2P
Stem actuated valve
VMEF-STC-M32-M-N18 FESTO-VMEF-STC-M32-M-N18 Datasheet
84Kb / 2P
Stem actuated valve
3394 FESTO-3394 Datasheet
97Kb / 2P
Stem actuated valve
4/8/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com