Electronic Components Datasheet Search
  English  ▼

X  

TPS2014D Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS2014D
Description  POWER-DISTRIBUTION SWITCHES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014D Datasheet(HTML) 3 Page - Texas Instruments

  TPS2014D Datasheet HTML 1Page - Texas Instruments TPS2014D Datasheet HTML 2Page - Texas Instruments TPS2014D Datasheet HTML 3Page - Texas Instruments TPS2014D Datasheet HTML 4Page - Texas Instruments TPS2014D Datasheet HTML 5Page - Texas Instruments TPS2014D Datasheet HTML 6Page - Texas Instruments TPS2014D Datasheet HTML 7Page - Texas Instruments TPS2014D Datasheet HTML 8Page - Texas Instruments TPS2014D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.ti.com
TPSA20xxY CHIP INFORMATION
91
74
CHIP THICKNESS:15TYPICAl
BONDINGPADS:4x4MINIMUM
TJ max=150 C
°
TOLERANCES ARE 10%.
±
ALL DIMENSIONS AREINMILS.
OUT
OUT
OUT
OC
GND
IN
IN
EN
TPS20xxY
(1)
(2)
(3)
(4)
(8)
(7)
(6)
(5)
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
BONDINGPAD ASSIGNMENTS
TPS2014
TPS2015
SLVS159D – DECEMBER 1996 – REVISED SEPTEMBER 2007
This chip, when properly assembled, displays characteristics similar to those of the TPS20xx. Ultrasonic bonding
may be used on the doped aluminium bonding pads. The chip may be mounted with conductive epoxy or a
gold-silicon preform.
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
EN
4
I
Enable input. Logic low at EN turns the power switch on.
GND
1
I
Ground
IN
2, 3
I
Input voltage
OC
5
O
OC is asserted active low during a fault condition.
OUT
6-8
O
Power switch output
Copyright © 1996–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS2014 TPS2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com