Electronic Components Datasheet Search
  English  ▼

X  

TPS2014Y Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2014Y
Description  POWER-DISTRIBUTION SWITCHES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014Y Datasheet(HTML) 2 Page - Texas Instruments

  TPS2014Y Datasheet HTML 1Page - Texas Instruments TPS2014Y Datasheet HTML 2Page - Texas Instruments TPS2014Y Datasheet HTML 3Page - Texas Instruments TPS2014Y Datasheet HTML 4Page - Texas Instruments TPS2014Y Datasheet HTML 5Page - Texas Instruments TPS2014Y Datasheet HTML 6Page - Texas Instruments TPS2014Y Datasheet HTML 7Page - Texas Instruments TPS2014Y Datasheet HTML 8Page - Texas Instruments TPS2014Y Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
OUT
OC
IN
EN
GND
Current
Limit
Driver
UVLO
Charge
Pump
CS
Thermal
Sense
PowerSwitch
†
† CurrentSense
TPS2014
TPS2015
SLVS159D – DECEMBER 1996 – REVISED SEPTEMBER 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
PACKAGED DEVICES(1)
RECOMMENDED MAXIMUM
TYPICAL SHORT-CIRCUIT
CHIP FORM
TA
SOIC
PDIP
CONTINUOUS LOAD CURRENT
CURRENT LIMIT AT 25
°C
(Y)
(D)(2)
(P)
0.6 A
1.2 A
TPS2014D
TPS2014P
TPS2014Y
0
°C TO 85°C
1 A
2 A
TPS2015D
TPS2015P
TPS2015Y
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
The D package is available taped and reeled. Add an R suffix to device type (e.g., TPS2014DR).
2
Submit Documentation Feedback
Copyright © 1996–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS2014 TPS2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com