Electronic Components Datasheet Search
  English  ▼

X  

M6DBS Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M6DBS
Description  Euro Terminal Ultra-Slim Signal Conditioners M6D Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6DBS Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M6DBS Datasheet HTML 1Page - M-System Co.,Ltd. M6DBS Datasheet HTML 2Page - M-System Co.,Ltd. M6DBS Datasheet HTML 3Page - M-System Co.,Ltd. M6DBS Datasheet HTML 4Page - M-System Co.,Ltd. M6DBS Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: M6DBS
M6DBS SPECIFICATIONS
ES-7845 Rev.11 Page 1/5
http://www.m-system.co.jp/
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
INSTALLATION BASE
Functions & Features
• Backplane to collectively supply power to the M6D
modules in combination with the Power Supply Module
(model: M6DPSx or M6-PSM)
MODEL: M6DBS–[1][2]
ORDERING INFORMATION
• Code number: M6DBS-[1][2]
Specify a code from below for each [1] and [2].
(e.g. M6DBS-08/UL/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] NUMBER OF SLOTS
08: 8 slots
08P: 8 slots (for extension)
08A: 8 slots + power supply slot (for model M6-PSM)
(UL not available)
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
Only solder side of the main PWB is coated.
/C01: Silicone coating
/C02: Polyurethane coating
RELATED PRODUCTS
• M6D series signal conditioners (Not able to supply to AC
power signal conditioners (M2 code))
• Power supply module (model: M6DPS1)
• Power supply module (model: M6DPS2)
• Power supply module (model: M6-PSM)
• Blank filler module (model: M6DDM)
GENERAL SPECIFICATIONS
Capacity: Up to 48 modules (including power supply
module) with Extension Bases (The usable number of signal
conditioners depends on the capacity of the power supply
module. Refer to the M6-PSM specification sheets.)
Isolation: Power to ground
INSTALLATION
Operating temperature: -20 to +55°C (-4 to +131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface or DIN rail
Weight:
M6DBS-08, -08P: 50 g (1.8 oz) without signal conditioners
M6DBS-08A: 80 g (2.8 oz) without signal conditioners
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
Approval:
UL/C-UL nonincendive Class I, Division 2,
Groups A, B, C, and D
(ANSI/ISA-12.12.01, CAN/CSA-C22.2 No.213)
UL/C-UL general safety requirements
(UL 61010-1, CAN/CSA-C22.2 No.61010-1)


Similar Part No. - M6DBS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M6D-50 MACOM-M6D-50 Datasheet
132Kb / 2P
DOUBLE-BALANCED MIXER
logo
M/A-COM Technology Solu...
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
logo
Tyco Electronics
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M6D-50 MA-COM-M6D-50_15 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results

Similar Description - M6DBS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6DCTC MSYSTEM-M6DCTC Datasheet
117Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DPS1 MSYSTEM-M6DPS1 Datasheet
111Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DPS2 MSYSTEM-M6DPS2 Datasheet
111Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DVF MSYSTEM-M6DVF Datasheet
115Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DWVS MSYSTEM-M6DWVS Datasheet
122Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXAP MSYSTEM-M6DXAP Datasheet
136Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXF3 MSYSTEM-M6DXF3 Datasheet
135Kb / 5P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXM MSYSTEM-M6DXM Datasheet
132Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXR MSYSTEM-M6DXR Datasheet
135Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DYV MSYSTEM-M6DYV Datasheet
119Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com