| Electronic Components Datasheet Search |
|
PRT702LCAE4A Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PRT702LCAE4A Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 113 page ![]() i.MX RT1064 Introduction i.MX RT1064 Crossover Processors for Industrial Products, Rev. 2, 08/2020 NXP Semiconductors 7 Table 1 provides examples of orderable part numbers covered by this Data Sheet. Table 1. Ordering information Part Number Features Package Junction Temperature Tj ( C) MIMXRT1064CVL5A MIMXRT1064CVL5B Features supports: • 528 MHz, industrial grade for general purpose, with MPU/FPU •4 MB Flash •eDMA • Boot ROM (128 KB) • On-chip RAM (1 MB) • SEMC •GPT x2 • 4-channel PIT •Qtimer x4 •PWM x4 • ENC x4 • WDOG x4 • LCD/CSI/PXP • SPDIF x1 • SAI x3 •MQS x1 • USB OTG x2 • eMMC 4.5/SD 3.0 x2 • KPP x1 • SPI x4 • XBAR/AOI • Ethernet x2 •UART x8 •I2C x4 • FlexSPI x1 •CAN x2 • FlexCAN (with Flexible Data-Rate supported) • FlexIO x3 • 127 GPIOs (124 tightly coupled) • HAB/DCP/BEE/CSU • TRNG • SNVS (with RTC supported) •SJC • ADC x2 •ACMP x4 •TSC • DCDC • Temperature sensor • GPC hardware power management controller 10 x 10 mm, 0.65 mm pitch, 196-pin MAPBGA -40 to +105 MIMXRT1064CVJ5A MIMXRT1064CVJ5B Features supports: • 528 MHz, industrial grade for general purpose, with MPU/FPU •4 MB Flash •eDMA • Boot ROM (128 KB) • On-chip RAM (1 MB) • SEMC •GPT x2 • 4-channel PIT •Qtimer x4 •PWM x4 • ENC x4 • WDOG x4 • LCD/CSI/PXP • SPDIF x1 • SAI x3 •MQS x1 • USB OTG x2 • eMMC 4.5/SD 3.0 x2 • KPP x1 • SPI x4 • XBAR/AOI • Ethernet x2 •UART x8 •I2C x4 • FlexSPI x1 •CAN x2 • FlexCAN (with Flexible Data-Rate supported) • FlexIO x3 • 127 GPIOs (124 tightly coupled) • HAB/DCP/BEE/CSU • TRNG • SNVS (with RTC supported) •SJC • ADC x2 •ACMP x4 •TSC • DCDC • Temperature sensor • GPC hardware power management controller 12 x 12 mm, 0.8 mm pitch, 196-pin MAPBGA -40 to +105 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |