Electronic Components Datasheet Search
  English  ▼

X  

HM830F Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM830F
Description  500V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM830F Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM830F Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM830F Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM830F Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM830F Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM830F Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM830F Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM830F Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM830F Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
830 /
830
500V N-Channel MOSFET
General Description
This Power MOSFET is produced using SL semi‘s
advanced planar stripe DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switched mode power supplies,
active power factor correction based on half bridge
topology.
Features
• 5.0A, 500V, RDS(on) = 1.50Ω @VGS = 10 V
• Low gate charge ( typical
20nC)
•Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°Cunless otherwise noted
* Drain current limited by maximum junction temperature.
Thermal Characteristics
Symbol
Parameter
HM830
HM830F
Units
VDSS
Drain-Source Voltage
500
V
ID
Drain Current
- Continuous (TC = 25°C)
5.0
5.0*
A
- Continuous (TC = 100°C)
3.0
3.0 *
A
IDM
Drain Current
- Pulsed
(Note 1)
20
20*
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
305
mJ
EAR
Repetitive Avalanche Energy
(Note 1)
7.6
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TC = 25°C)
76
40
W
- Derate above 25°C
0.6
0.32
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
HM830
HM830F
Units
RθJC
Thermal Resistance, Junction-to-Case
1.2
3.65
°C/W
RθCS
Thermal Resistance, Case-to-Sink Typ.
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
62.5
°C/W
TO-220
G
S
D
TO-220F
G S
D
●
●
●
▲
◀
●
●
●
▲
◀
S
D
G
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com


Similar Part No. - HM830F

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM8310 HMSEMI-HM8310 Datasheet
704Kb / 7P
2.0-7.0V 1.0A single channel H-bridge driver chip
HM8312 HMSEMI-HM8312 Datasheet
381Kb / 3P
High withstand voltage low dropout micropower fast response LDO CMOS voltage regulator circuit
HM8332 HMSEMI-HM8332 Datasheet
209Kb / 8P
Three Channels Integrated Power Management IC for Handheld Portable Equipment
logo
List of Unclassifed Man...
HM8350A ETC-HM8350A Datasheet
389Kb / 3P
Hualon Microelectronics / HM8350A DIP 18 Pin
Mar/Apr 2002
More results

Similar Description - HM830F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA24N50 FAIRCHILD-FQA24N50 Datasheet
734Kb / 8P
500V N-Channel MOSFET
FQAF13N50 FAIRCHILD-FQAF13N50 Datasheet
723Kb / 8P
500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
500V N-Channel MOSFET
FQD5N50 FAIRCHILD-FQD5N50 Datasheet
772Kb / 9P
500V N-Channel MOSFET
FQL40N50 FAIRCHILD-FQL40N50 Datasheet
623Kb / 8P
500V N-Channel MOSFET
FQL40N50F FAIRCHILD-FQL40N50F Datasheet
635Kb / 8P
500V N-Channel MOSFET
FQNL2N50B FAIRCHILD-FQNL2N50B Datasheet
598Kb / 8P
500V N-Channel MOSFET
FQP2N50 FAIRCHILD-FQP2N50 Datasheet
717Kb / 8P
500V N-Channel MOSFET
FQP4N50 FAIRCHILD-FQP4N50 Datasheet
733Kb / 8P
500V N-Channel MOSFET
FQPF1N50 FAIRCHILD-FQPF1N50 Datasheet
733Kb / 8P
500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com