Electronic Components Datasheet Search
  English  ▼

X  

HM741 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM741
Description  N-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM741 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM741 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM741 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM741 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM741 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Key Electrical Characteristics (TO-220 package)
Parameter
Description
Min
Typ
Max
Test condition
BVDSS, V
Drain-to-Source
Breakdown Voltage
200
-
-
VGS =0 V, ID =250 μA
ID, A
Continuous Drain
Current
-
-
9*
Tj = 25 °C
RDS(on), Ohm
Static Drain-to-Source
On Resistance
-
0,35
0,4
VGS=10 V, ID=4,5 A
VGS(th), V
Gate Threshold Voltage
2,0
-
4,0
VDS = VGS, ID =250 μA
IDSS, μA
Drain-to-Source
Leakage Current
-
-
1,0
VDS = 200 V, VGS= 0 V
IGSS, nA
Gate-to-Source Leakage
Current
-
-
±100
VGS= ± 25 V, VDS = 0 V
Tj, TSTG, °C
Operating Junction and
Storage Temperature
Range
- 55 ~ +150
* Drain current limited by junction temperature
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com
HM630
200VDS/±25VGS/9A(ID) N-Channel Enha ncement Mode MOSFET
Page
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com