Electronic Components Datasheet Search
  English  ▼

X  

2SC5077A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5077A
Description  Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5077A Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5077A Datasheet HTML 1Page - Panasonic Semiconductor 2SC5077A Datasheet HTML 2Page - Panasonic Semiconductor 2SC5077A Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
2SC5077, 2SC5077A
Silicon NPN triple diffusion planar type
For high breakdown voltage high-speed switching
s Features
q
High-speed switching
q
High collector to base voltage VCBO
q
Wide area of safe operation (ASO)
q
Satisfactory linearity of foward current transfer ratio hFE
q
Full-pack package with outstanding insulation, which can be in-
stalled to the heat sink with one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Base current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCES
VCEO
VEBO
ICP
IC
IB
PC
Tj
Tstg
Ratings
800
900
800
900
500
8
15
7
4
45
2
150
–55 to +150
Unit
V
V
V
V
A
A
A
W
˚C
˚C
2SC5077
2SC5077A
2SC5077
2SC5077A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Emitter cutoff current
Collector to emitter voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICBO
IEBO
VCEO
hFE1
hFE2
VCE(sat)
VBE(sat)
fT
ton
tstg
tf
Conditions
VCB = 800V, IE = 0
VCB = 900V, IE = 0
VEB = 5V, IC = 0
IC = 10mA, IB = 0
VCE = 5V, IC = 0.1A
VCE = 5V, IC = 4A
IC = 4A, IB = 0.8A
IC = 4A, IB = 0.8A
VCE = 10V, IC = 0.5A, f = 1MHz
IC = 4A, IB1 = 0.8A, IB2 = –1.6A,
VCC = 200V
min
500
15
8
typ
max
100
100
100
1.0
1.5
1.0
1.0
3.0
0.3
Unit
µA
µA
µA
V
V
V
MHz
µs
µs
µs
2SC5077
2SC5077A
Unit: mm
1:Base
2:Collector
3:Emitter
TO–220E Full Pack Package
9.9
±0.3
23
1
4.6
±0.2
2.9
±0.2
2.6
±0.1
2.54
±0.2
0.75
±0.1
1.2
±0.15
5.08
±0.4
φ3.2±0.1
1.45
±0.15
0.7
±0.1
7
°


Similar Part No. - 2SC5077A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC507 ETC1-2SC507 Datasheet
79Kb / 1P
High Voltage Transistors
logo
Sanyo Semicon Device
2SC5070 SANYO-2SC5070 Datasheet
86Kb / 3P
Low-Frequency General-Purpose Amp, Driver Applications?
logo
Sanken electric
2SC5071 SANKEN-2SC5071 Datasheet
25Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
logo
Savantic, Inc.
2SC5071 SAVANTIC-2SC5071 Datasheet
174Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC5071 JMNIC-2SC5071 Datasheet
189Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC5077A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3795 PANASONIC-2SC3795 Datasheet
63Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3970 PANASONIC-2SC3970 Datasheet
60Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3973 PANASONIC-2SC3973 Datasheet
60Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3975 PANASONIC-2SC3975 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC4152 PANASONIC-2SC4152 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC4985 PANASONIC-2SC4985 Datasheet
40Kb / 2P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5034 PANASONIC-2SC5034 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5063 PANASONIC-2SC5063 Datasheet
62Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5393 PANASONIC-2SC5393 Datasheet
34Kb / 2P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5457 PANASONIC-2SC5457 Datasheet
37Kb / 2P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com