Electronic Components Datasheet Search
  English  ▼

X  

S-RS3B Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # S-RS3B
Description  Schottky diode for automotive applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

S-RS3B Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  S-RS3B Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd S-RS3B Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd S-RS3B Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
●
Low profile package
●
Ideal for automated placement
●
Fast switching for high efficiency
●
Glass passivated chip junctions
●
High forward surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Meets MSL level 1, per J-STD-020
●
Component in accordance to
RoHS 2011/65/EU and WEEE 2002/96/EC
Major Ratings and Characteristics
●
AEC
−Q101 Qualified and PPAP Capable
Mechanical Date
●
Case: JEDEC DO-214AA(SMB)
Molding compound meets
UL 94 V-0 flammability rating
●
Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
●
Polarity:Laser band denotes cathode end
Maximum Ratings & Thermal Characteristics (T
A = 25 °C unless otherwise noted)
Note1:Mounted on PCB with 0.28x0.28" (7.0mmx7.0mm) copper pad areas.
100
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
Operating and storage temperature range
IFSM
TJ,TSTG
–65 to +150
℃
Thermal resistance from junction to lead
(1)
RθJL
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current at
TL=60 °C
VRRM
3.0
35
50
280
400
400
800
1000
700
1000
420
560
600
800
100
200
70
140
100
S-
RS3D
S-
RS3G
S-
RS3J
S-
RS3K
S-
RS3M
A
A
V
V
Unit
V
200
600
3.0A
50V to 1000V
IF(AV)
VRRM
IFSM
100A
150ns,250ns,500ns
trr
VRMS
VDC
IF(AV)
50
°C/W
25
S-
RS3A
Symbol
Item
S-
RS3B
VF
1.3V
TJmax.
150°C
DO-214AA (SMB)
Available
Schottky diode for automotive applications
S-FS3A~S-FS3M
Rev :
www.leiditech.com
01.06.2018
1/3


Similar Part No. - S-RS3B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S-R35 MICROSEMI-S-R35 Datasheet
148Kb / 2P
Silicon Power Rectifier
S-R35PF MICROSEMI-S-R35PF Datasheet
187Kb / 3P
Silicon Power Rectifier
logo
List of Unclassifed Man...
S-RA3-100CCU-S-1 ETC-S-RA3-100CCU-S-1 Datasheet
842Kb / 11P
SRX300 LINE OF FIREWALLS FOR THE BRANCH DATASHEET
June 2023
S-RA3-100CCU-S-3 ETC-S-RA3-100CCU-S-3 Datasheet
842Kb / 11P
SRX300 LINE OF FIREWALLS FOR THE BRANCH DATASHEET
June 2023
S-RA3-250CCU-S-1 ETC-S-RA3-250CCU-S-1 Datasheet
842Kb / 11P
SRX300 LINE OF FIREWALLS FOR THE BRANCH DATASHEET
June 2023
More results

Similar Description - S-RS3B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SLVU2.8Q SEMTECH-SLVU2.8Q Datasheet
180Kb / 9P
Low Voltage TVS Diode for Automotive Applications
logo
AVX Corporation
VC0015 AVX-VC0015 Datasheet
191Kb / 1P
Automotive Varistor for Automotive Applications
logo
STMicroelectronics
AN3361 STMICROELECTRONICS-AN3361 Datasheet
142Kb / 15P
Schottky diode avalanche performance in automotive applications
09-Sep-2011
logo
Jauch Quartz Gmbh
SMU2 JAUCH-SMU2_12 Datasheet
116Kb / 1P
recommended for automotive applications
logo
Shanghai Leiditech Elec...
S-FR3A LEIDITECH-S-FR3A Datasheet
1Mb / 3P
Schottky diode for automotive applications
S-M1 LEIDITECH-S-M1 Datasheet
1Mb / 3P
Schottky diode for automotive applications
S-SK52C LEIDITECH-S-SK52C Datasheet
779Kb / 3P
Schottky diode for automotive applications
S-SS22B LEIDITECH-S-SS22B Datasheet
540Kb / 3P
Schottky diode for automotive applications
S-SS32B LEIDITECH-S-SS32B Datasheet
1Mb / 3P
Schottky diode for automotive applications
S-SS52C LEIDITECH-S-SS52C Datasheet
1Mb / 3P
Schottky diode for automotive applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com