Electronic Components Datasheet Search
  English  ▼

X  

M6DXF1 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M6DXF1
Description  Euro Terminal Ultra-Slim Signal Conditioners M6D Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6DXF1 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M6DXF1 Datasheet HTML 1Page - M-System Co.,Ltd. M6DXF1 Datasheet HTML 2Page - M-System Co.,Ltd. M6DXF1 Datasheet HTML 3Page - M-System Co.,Ltd. M6DXF1 Datasheet HTML 4Page - M-System Co.,Ltd. M6DXF1 Datasheet HTML 5Page - M-System Co.,Ltd. M6DXF1 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: M6DXF1
M6DXF1 SPECIFICATIONS
ES-7847 Rev.8 Page 1/6
http://www.m-system.co.jp/
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
FUNCTION MODULE
(PC programmable)
Functions & Features
• Single input filter and function module
• 12 types of functions are PC programmable
• 5.9-mm wide ultra-slim design
• Low profile allows the M6D module mounted in a 120-mm
deep panel
• High-density mounting
• Power and status indicator LEDs
5.9 (.23)
94
(3.70)
102
(4.02)
mm (inch)
MODEL: M6DXF1–[1][2]–R[3]
ORDERING INFORMATION
• Code number: M6DXF1-[1][2]-R[3]
Specify a code from below for each [1] through [3].
(e.g. M6DXF1-Z1Z1-R/UL/Q)
• Input range (e.g. 4 – 20 mA DC)
• Output range (e.g. 4 – 20 mA DC)
• Specify the specification for option code /Q
(e.g. /C01/SET)
[1] INPUT
Current
Z1: Range 0 – 50 mA DC (Input resistance 24.9 Ω)
Voltage
S1: Range -1000 – +1000 mV DC (Input resistance 1 MΩ min.)
S2: Range -10 – +10 V DC (Input resistance 1 MΩ min.)
(Configurator software is used to change the input type and
precise range.)
[2] OUTPUT
Current
Z1: Range 0 – 20 mA DC
Voltage
V2: Range -10 – +10 V DC
V3: Range -5 – +5 V DC
(Configurator software is used to change output over the
described range of the selected suffix code.
For changing between suffix codes, set the Output Range
Selector on the side of unit before software adjustment.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS (multiple selections)
Standards & Approvals
blank: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-7847)
FUNCTIONS
PC Configurator Software is used to program the function.
Filter, linearization and limiter functions can be combined.
• Filter / Lag
· Moving average output
· Dead time computing
· Delay buffer (first order lag)
· Lead time computing
· Ramp buffer
• Linearization
· User’s table linearization
· Inverted output
· Square root extraction (orifice, venturi)
· X 2 (Palmer-Bowlus flume, Parshall flume)
· X 5/2 (triangular or v-notch weir)
· X 3/2 (rectangular weir)
• Limiter
· High / Low limit
Factory default function setting
Filter: Moving average
(H = 0.1, N = 1, U = 0, L = 0)
Linearization: None
Limiter: Low limit = -2 %, High limit = 102 %


Similar Part No. - M6DXF1

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6DXF2 MSYSTEM-M6DXF2 Datasheet
146Kb / 5P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXF2-S1S1V2-R MSYSTEM-M6DXF2-S1S1V2-R Datasheet
146Kb / 5P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXF2-S1S1V2-R/Q MSYSTEM-M6DXF2-S1S1V2-R/Q Datasheet
146Kb / 5P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXF2-S1S1V3-R MSYSTEM-M6DXF2-S1S1V3-R Datasheet
146Kb / 5P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXF2-S1S1V3-R/Q MSYSTEM-M6DXF2-S1S1V3-R/Q Datasheet
146Kb / 5P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
More results

Similar Description - M6DXF1

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6DCTC MSYSTEM-M6DCTC Datasheet
117Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DPS1 MSYSTEM-M6DPS1 Datasheet
111Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DPS2 MSYSTEM-M6DPS2 Datasheet
111Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DVF MSYSTEM-M6DVF Datasheet
115Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DWVS MSYSTEM-M6DWVS Datasheet
122Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXAP MSYSTEM-M6DXAP Datasheet
136Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXF3 MSYSTEM-M6DXF3 Datasheet
135Kb / 5P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXM MSYSTEM-M6DXM Datasheet
132Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DXR MSYSTEM-M6DXR Datasheet
135Kb / 4P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
M6DYV MSYSTEM-M6DYV Datasheet
119Kb / 3P
Euro Terminal Ultra-Slim Signal Conditioners M6D Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com