Electronic Components Datasheet Search
  English  ▼

X  

M6NDM Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M6NDM
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NDM Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M6NDM Datasheet HTML 1Page - M-System Co.,Ltd. M6NDM Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: M6NDM
M6NDM SPECIFICATIONS
ES-7916 Rev.2 Page 1/2
http://www.m-system.co.jp/
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
BLANK FILLER MODULE
Functions & Features
• Used to fill blank slots on an installation base
mm (inch)
7.5 (.30)
102
(4.02)
102
(4.02)
MODEL: M6NDM
ORDERING INFORMATION
• Code number: M6NDM
INSTALLATION
Mounting: Installation Base (model: M6NBS)
Weight: 60 g (2.1 oz)
EXTERNAL DIMENSIONS unit: mm (inch)
7.5 (.30)
8–M3
SCREW TERMINAL
102 (4.02)
116 (4.57)
[5 (.20)]
DIN RAIL
35mm wide
The terminals are Not to be used as relaying boards.


Similar Part No. - M6NDM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6NDY MSYSTEM-M6NDY Datasheet
138Kb / 4P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NDY-4-R MSYSTEM-M6NDY-4-R Datasheet
138Kb / 4P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NDY-4-R/Q MSYSTEM-M6NDY-4-R/Q Datasheet
138Kb / 4P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NDY-4-R/UL MSYSTEM-M6NDY-4-R/UL Datasheet
138Kb / 4P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NDY-5-R MSYSTEM-M6NDY-5-R Datasheet
138Kb / 4P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
More results

Similar Description - M6NDM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6NBS MSYSTEM-M6NBS Datasheet
271Kb / 5P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF3 MSYSTEM-M6NXF3 Datasheet
149Kb / 5P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF1 MSYSTEM-M6NXF1 Datasheet
190Kb / 7P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXAT MSYSTEM-M6NXAT Datasheet
160Kb / 5P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXAS MSYSTEM-M6NXAS Datasheet
161Kb / 4P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NVS MSYSTEM-M6NVS Datasheet
133Kb / 4P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NSN MSYSTEM-M6NSN Datasheet
133Kb / 3P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NPS1 MSYSTEM-M6NPS1 Datasheet
124Kb / 3P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NPA MSYSTEM-M6NPA Datasheet
136Kb / 4P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NYV MSYSTEM-M6NYV Datasheet
131Kb / 3P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com