Electronic Components Datasheet Search
  English  ▼

X  

5773633 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5773633
Description  Printed-circuit board connector - MSTB 2,5/20-STF-5,08 BD:1-20
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5773633 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5773633 Datasheet HTML 1Page - PHOENIX CONTACT 5773633 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/5773633
04/30/2014   Page 1 / 2
Printed-circuit board connector - MSTB 2,5/20-STF-5,08 BD:1-20 - 5773633
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug component, Nominal current: 12 A, Number of positions: 20, Pitch: 5.08 mm, Connection method: Screw
connection, Color: green, Contact surface: Tin
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
35.6 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5.08 mm
Dimension a
96.52 mm
General
Range of articles
MSTB 2,5/..-STF
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal cross section
2.5 mm²
Number of positions
20
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 2.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
2 conductors with same cross section, solid min.
0.2 mm²
2 conductors with same cross section, solid max.
1 mm²
2 conductors with same cross section, stranded min.
0.2 mm²


Similar Part No. - 5773633

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
577304B00000 AAVID-577304B00000 Datasheet
79Kb / 2P
For use with TO-202 packages
2/26/2003
577304B00000G AAVID-577304B00000G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
577304B00000G AAVID-577304B00000G Datasheet
8Mb / 116P
How to Use This Catalog
logo
Festo Corporation.
577316 FESTO-577316 Datasheet
101Kb / 2P
Air solenoid valve
577317 FESTO-577317 Datasheet
103Kb / 2P
Air solenoid valve
More results

Similar Description - 5773633

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1835274 PHOENIX-1835274 Datasheet
102Kb / 7P
Printed-circuit board connector - MVSTBR 2,5/20-STF-5,08
1949144 PHOENIX-1949144 Datasheet
165Kb / 9P
Printed-circuit board connector - MSTB 2,5/20-STF-5,08 AU
1741665 PHOENIX-1741665 Datasheet
84Kb / 4P
Printed-circuit board connector - MSTB 2,5/ 4-STF-5,08 BD:1-4
1760158 PHOENIX-1760158 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/20-ST-5,08 BD: 1-20
1779822 PHOENIX-1779822 Datasheet
78Kb / 6P
Printed-circuit board connector - FRONT-MSTB 2,5/20-STF
1777976 PHOENIX-1777976 Datasheet
123Kb / 9P
Printed-circuit board connector - FRONT-MSTB 2,5/20-STF-5,08
1917286 PHOENIX-1917286 Datasheet
57Kb / 4P
Printed-circuit board connector - FKCT 2,5/20-ST-5,08 BD:1-20Q
1971248 PHOENIX-1971248 Datasheet
75Kb / 5P
Printed-circuit board connector - SMSTB 2,5/20-STF-5,08
1997905 PHOENIX-1997905 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/10-STF-5,08 BD:1-10
1839076 PHOENIX-1839076 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/10-ST-5,08 BD:11-20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com