Electronic Components Datasheet Search
  English  ▼

X  

THS4281 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # THS4281
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4281 Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS4281 Datasheet HTML 12Page - Texas Instruments THS4281 Datasheet HTML 13Page - Texas Instruments THS4281 Datasheet HTML 14Page - Texas Instruments THS4281 Datasheet HTML 15Page - Texas Instruments THS4281 Datasheet HTML 16Page - Texas Instruments THS4281 Datasheet HTML 17Page - Texas Instruments THS4281 Datasheet HTML 18Page - Texas Instruments THS4281 Datasheet HTML 19Page - Texas Instruments THS4281 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
www.ti.com
0.0001
0.0010
0.0100
0.1000
0.1
1
10
20
VS = 2.7 V
Amplifier Noise
Limit Line
VO − Output Voltage − VPP
f = 10 kHz,
Bandwidth = 80 kHz,
Gain = 2,
RF = 2 kΩ,
RL = 1 kΩ , to VS/2
VS = 15 V
VS = 3 V
VS = 3.3 V
VS = 5 V
VS = ±5 V
0.0001
0.0010
0.0100
0.1000
VO = 14.5 VPP
VO = 14 VPP
VO = 4 VPP
VO = 8 VPP
VO = 12 VPP
10
100
1 k
10 k
200 k
f − Frequency − Hz
VS = 15 V,
Bandwidth = 600 kHz,
Gain = 2,
RF = 2 kΩ,
RL = 1 kΩ , to VS/2
0.0001
0.0010
0.0100
0.1000
0.1
10
20
1
VS = 2.7 V
VS = 3 V
VS = 3.3 V
VS = 5 V
VS = ±5 V
VS = 15 V
Amplifier Noise
Limit Line
VO − Output Voltage − VPP
f = 1 kHz,
Bandwidth = 22 kHz,
Gain = 2,
RF = 2 kΩ,
RL = 1 kΩ , to VS/2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
1
2
3
Number of Loads − 150
Ω
Gain = 2
Rf = 2.5 kΩ
VS = 5 V
40 IRE − NTSC and Pal
Worst Case
±100 IRE Ramp
NTSC
PAL
°
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
1
2
3
Number of Loads − 150
Ω
Gain = 2
RF= 2.5 kΩ
VS = 5 V
40 IRE − NTSC and Pal
Worst Case
±100 IRE Ramp
NTSC
PAL
0.001
0.010
0.100
0.1
1
10
20
VS = 2.7 V
VS = 3 V
VS = 3.3 V
Amplifier Noise
Limit Line
VO − Output Voltage − VPP
f = 100 kHz,
Bandwidth = 600 kHz,
Gain = 2,
RF = 2 kΩ,
RL = 1 kΩ , to VS/2
VS = 5 V
VS = ±5 V
VS = 15 V
THS4281
SLOS432 – APRIL 2004
TYPICAL CHARACTERISTICS (continued)
(VS = 15 V)
(f = 1 kHz)
(f = 10 kHz)
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
NOISE
NOISE
NOISE
vs
vs
vs
FREQUENCY
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 52.
Figure 53.
Figure 54.
(f = 100 kHz)
TOTAL HARMONIC DISTORTION +
(VS = 5 V)
(VS = 5 V)
NOISE
DIFFERENTIAL GAIN
DIFFERENTIAL PHASE
vs
vs
vs
OUTPUT VOLTAGE
NUMBER OF LOADS
NUMBER OF LOADS
Figure 55.
Figure 56.
Figure 57.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com