Electronic Components Datasheet Search
  English  ▼

X  

2SC5190 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5190
Description  Silicon NPN epitaxial planer type(For low-voltage high-frequency amplification)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5190 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5190 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5190 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SC5190
Silicon NPN epitaxial planer type
For low-voltage high-frequency amplification
s Features
q
High transition frequency fT.
q
Small collector output capacitance Cob.
q
S-Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Emitter
EIAJ:SC–70
3:Collector
S–Mini Type Package
2.1
±0.1
1.25
±0.1
0.425
0.425
1
3
2
0.2
±0.1
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Ratings
9
6
2
30
150
150
–55 ~ +150
Unit
V
V
V
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Forward current transfer ratio
Collector output capacitance
Transition frequency
Foward transfer gain
Noise figure
Symbol
ICBO
IEBO
hFE
Cob
fT
| S21e |
2
NF
Conditions
VCB = 5V, IE = 0
VEB = 1V, IC = 0
VCE = 3V, IC = 10mA
VCB = 3V, IE = 0, f = 1MHz
VCE = 3V, IC = 10mA, f = 1.5GHz
VCE = 0.3V, IC = 1mA, f = 0.9GHz
VCE = 0.3V, IC = 1mA, f = 0.9GHz
min
40
typ
100
0.4
10
6.5
1.7
max
1
1
160
0.7
Unit
µA
µA
pF
GHz
dB
dB
Marking symbol :
3Y


Similar Part No. - 2SC5190

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5191 NEC-2SC5191 Datasheet
57Kb / 12P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Inchange Semiconductor ...
2SC5191 ISC-2SC5191 Datasheet
195Kb / 14P
Low Voltage Operation ,Low Phase Distortion
logo
Renesas Technology Corp
2SC5191 RENESAS-2SC5191 Datasheet
219Kb / 9P
NPN SILICON RF TRANSISTOR
2004
logo
NEC
2SC5191-T1 NEC-2SC5191-T1 Datasheet
57Kb / 12P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC5191-T1B RENESAS-2SC5191-T1B Datasheet
219Kb / 9P
NPN SILICON RF TRANSISTOR
2004
More results

Similar Description - 2SC5190

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3311A PANASONIC-2SC3311A Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SC5363 PANASONIC-2SC5363 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage high-frequency amplification)
2SD1030 PANASONIC-2SD1030 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1149 PANASONIC-2SD1149 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1199 PANASONIC-2SD1199 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1424 PANASONIC-2SD1424 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1458 PANASONIC-2SD1458 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1823 PANASONIC-2SD1823 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD2357 PANASONIC-2SD2357 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD2359 PANASONIC-2SD2359 Datasheet
35Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com