Electronic Components Datasheet Search
  English  ▼

X  

HM1138 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1138
Description  voltage regulators manufactured by CMOS technologies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1138 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1138 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1138 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1138 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1138 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1138 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1138 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1138 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1138 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1138 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RECOMMENDED OPERATING CONDITIONS
PARAMETER
MIN.
NOM.
MAX.
UNITS
Supply voltage at VIN
2
6
V
Operating junction temperature range, Tj
0
125
°C
Operating free air temperature range, TA
0
85
°C
ELECTRICAL CHARACTERISTICS
HM1138 Series
(VIN=VOUT+1V, CIN=COUT=1μF,TA=25℃,unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP. (6)
MAX. UNITS
Output Voltage
VOUT(E) (7)
IOUT=1mA
VOUT(8)
*0.98
VOUT(8)
VOUT(8)
*1.02
V
Supply Current
ISS
IOUT=0
50
100
μA
Standby Current
ISTBY
CE = VSS
0.1
μA
Output Current
IOUT
-
300
mA
Dropout Voltage
VDO(9)
IOUT =150mA
VOUT≥2.8V
150
mV
Load Regulation
∆VOUT
VIN= VOUT +1V,
1mA≤IOUT≤100mA
10
mV
Line Regulation
∆VOUT
VOUT × ∆VIN
IOUT =10mA
VOUT +1V≤VIN≤6V
0.01
0.2
%/V
Output Voltage
Temperature
Characteristics
∆VOUT
∆T × VOUT
IOUT =10mA
-40≤T≤+85
100
ppm
Short Current
IShort
VOUT =VSS
100
mA
Input Voltage
VIN
-
2.0
6.0
V
Power Supply
Rejection Rate
217Hz
PSRR
IOUT=50mA
-80
dB
1kHz
-75
10kHz
-70
CE "High" Voltage
VCE“H”
1.5
VIN
V
CE "Low" Voltage
VCE“L”
0.3
V
COUT Auto-Discharge
Resistance
RDISCHRG
VIN=5V,
VOUT=3.0V, VCE=VSS
80
Ω
(6) Typical numbers are at 25°C and represent the most likely norm.
(7) VOUT(E) : Effective Output Voltage ( Ie. The output voltage when VIN = (VOUT +1.0V)
and maintain a certain IOUT Value).
(8) VOUT : Specified Output Voltage.
(9) VDO : The Difference Of Output Voltage And Input Voltage When Input Voltage Is Decreased Gradually
Till Output Voltage Equals To 98% Of VOUT (E).
HM1138



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com