Electronic Components Datasheet Search
  English  ▼

X  

SMB5337A Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMB5337A
Description  Surface Mount Silicon Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMB5337A Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMB5337A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMB5337A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMB5337A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Maximum
DC Zener
Current
Part Number
Device
Marking
Nominal Zener Voltage @IT
IZT(mA)
Maximum Zener Impedance
Maximum Reverse
Leakage Current
VZ AVE.(V)
VZ MIN.(V)
VZ MAX.(V)
ZZT MAX.(Ω)
@IZT
ZZK MAX.(Ω)
@IZK
IZK(mA)
IR(uA)
@VR
VR(V)
IZM(mA)
SMB5333A
333A
3.3
3.14
3.47
380
3.0
400
1.00
300
1.0
1437.0
SMB5334A
334A
3.6
3.42
3.78
350.0
2.5
500
1.00
150
1.0
1317.0
SMB5335A
335A
3.9
3.71
4.10
320.0
2.0
500
1.00
50
1.0
1216.0
SMB5336A
336A
4.3
4.09
4.52
290.0
2.0
500
1.00
10
1.0
1103.0
SMB5337A
337A
4.7
4.47
4.94
260.0
2.0
450
1.00
5
1.0
1009.0
SMB5338A
338A
5.1
4.85
5.36
240.0
1.5
400
1.00
1.0
1.0
930.0
Code
SMB5339A
339A
5.6
5.32
5.88
220.0
1.0
400
1.00
1.0
2.0
846.0
SMB5340A
340A
6.0
5.70
6.30
200.0
1.0
300
1.00
1.0
3.0
790.0
SMB5341A
341A
6.2
5.89
6.51
200.0
1.0
200
1.00
1.0
3.0
765.0
SMB5342A
342A
6.8
6.46
7.14
175.0
1.0
200
1.00
10.0
5.2
700.0
SMB5343A
343A
7.5
7.13
7.88
175.0
1.5
200
1.00
10.0
5.7
630.0
SMB5344A
344A
8.2
7.79
8.61
150.0
1.5
200
1.00
10.0
6.2
580.0
SMB5345A
345A
8.7
8.27
9.14
150.0
2.0
200
1.00
10.0
6.6
545.0
SMB5346A
346A
9.1
8.65
9.56
150.0
2.0
150
1.00
7.5
6.9
520.0
SMB5347A
347A
10.0
9.50
10.50
125.0
2.0
125
1.00
5
7.6
475.0
SMB5348A
348A
11.0
10.45
11.55
125.0
2.5
125
1.00
5
8.4
430.0
SMB5349A
349A
12.0
11.40
12.60
100.0
2.5
125
1.00
2
9.1
395.0
SMB5350A
350A
13.0
12.35
13.65
100.0
2.5
100
1.00
1
9.9
365.0
SMB5351A
351A
14.0
13.30
14.70
100.0
2.5
75
1.00
1
10.6
340.0
SMB5352A
352A
15.0
14.25
15.75
75.0
2.5
75
1.00
1
11.5
315.0
SMB5353A
353A
16.0
15.20
16.80
75.0
2.5
75
1.00
1
12.2
295.0
SMB5354A
354A
17.0
16.15
17.85
70.0
2.5
75
1.00
0.5
12.9
280.0
SMB5355A
355A
18.0
17.10
18.90
65.0
2.5
75
1.00
0.5
13.7
265.0
SMB5356A
356A
19.0
18.05
19.95
65.0
3.0
75
1.00
0.5
14.4
250.0
SMB5357A
357A
20.0
19.00
21.00
65.0
3.0
75
1.00
0.5
15.2
237.0
SMB5358A
358A
22.0
20.90
23.10
50.0
3.5
75
1.00
0.5
16.7
216.0
SMB5359A
359A
24.0
22.80
25.20
50.0
3.5
100
1.00
0.5
18.2
198.0
SMB5360A
360A
25.0
23.75
26.25
50.0
4.0
110
1.00
0.5
19.0
190.0
SMB5361A
361A
27.0
25.65
28.35
50.0
5.0
120
1.00
0.5
20.6
176.0
SMB5362A
362A
28.0
26.60
29.40
50.0
6.0
130
1.00
0.5
21.2
170.0
SMB 363A
363A
30 0
28 0
31 0
40 0
80
140
100
0
22 8
18 0
SMB5363A
363A
30.0
28.50
31.50
40.0
8.0
140
1.00
0.5
22.8
158.0
SMB5364A
364A
33.0
31.35
34.65
40.0
10.0
150
1.00
0.5
25.1
144.0
SMB5365A
365A
36.0
34.20
37.80
30.0
11.0
160
1.00
0.5
27.4
132.0
SMB5366A
366A
39.0
37.05
40.95
30.0
14.0
170
1.00
0.5
29.7
122.0
SMB5367A
367A
43.0
40.85
45.15
30.0
20.0
190
1.00
0.5
32.7
110.0
SMB5368A
368A
47.0
44.65
49.35
25.0
25.0
210
1.00
0.5
35.8
100.0
SMB5369A
369A
51.0
48.45
53.55
25.0
27.0
230
1.00
0.5
38.8
93.0
SMB5370A
370A
56.0
53.20
58.80
20.0
35.0
280
1.00
0.5
42.6
86.0
SMB5371A
371A
60 0
57 00
63 00
20 0
40 0
350
100
05
42 5
79 0
SMB5371A
371A
60.0
57.00
63.00
20.0
40.0
350
1.00
0.5
42.5
79.0
SMB5372A
372A
62.0
58.90
65.10
20.0
42.0
400
1.00
0.5
47.1
76.0
SMB5373A
373A
68.0
64.60
71.40
20.0
44.0
500
1.00
0.5
51.7
70.0
SMB5374A
374A
75.0
71.25
78.75
20.0
45.0
620
1.00
0.5
56.0
63.0
SMB5375A
375A
82.0
77.90
86.10
15.0
65.0
720
1.00
0.5
62.2
58.0
SMB5376A
376A
87.0
82.65
91.35
15.0
75.0
760
1.00
0.5
66.0
54.5
SMB5377A
377A
91.0
86.45
95.55
15.0
75.0
760
1.00
0.5
69.2
52.5
SMB5378A
378A
100.0
95.00
105.00
12.0
90.0
800
1.00
0.5
76.0
47.5
SMB5379A
379A
110 0
104 50
115 50
12 0
125 0
1000
100
05
83 6
43 0
SMB5379A
379A
110.0
104.50
115.50
12.0
125.0
1000
1.00
0.5
83.6
43.0
SMB5380A
380A
120.0
114.00
126.00
10.0
170.0
1150
1.00
0.5
91.2
39.5
SMB5381A
381A
130.0
123.50
136.50
10.0
190.0
1250
1.00
0.5
98.8
36.6
SMB5382A
382A
140.0
133.00
147.00
8.0
230.0
1500
1.00
0.5
106.0
34.0
SMB5383A
383A
150.0
142.50
157.50
8.0
330.0
1500
1.00
0.5
114.0
31.6
SMB5384A
384A
160.0
152.00
168.00
8.0
350.0
1650
1.00
0.5
122.0
29.4
SMB5385A
385A
170.0
161.50
178.50
8.0
380.0
1750
1.00
0.5
129.0
28.0
SMB5386A
386A
180.0
171.00
189.00
5.0
430.0
1750
1.00
0.5
137.0
26.4
SMB5387A
387A
190.0
180.50
199.50
5.0
450.0
1850
1.00
0.5
144.0
25.0
SMB5388A
388A
200.0
190.00
210.00
5.0
480.0
1850
1.00
0.5
152.0
23.6
SMB53xxA SERIES
Rev :
www.leiditech.com
01.06.2018
3/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com