Electronic Components Datasheet Search
  English  ▼

X  

0349501621 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0349501621
Description  MX150 Backshell for Male Sealed Connector Assembly, 16 Circuit, without Rib
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

0349501621 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0349501621 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 03/02/2021
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0349501621
Status:
Active
Overview:
MX150 Sealed and Unsealed Connector System
Description:
MX150 Backshell for Male Sealed Connector Assembly, 16 Circuit, without Rib
Documents:
3D Model
Packaging Specification 349509000-000 (PDF)
3D Model (PDF)
Datasheet (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification AS-34951-001-001 (PDF)
General
Product Family
Crimp Housings
Series
34950
Application
Power, Wire-to-Wire
Comments
Without Rib
More Detailed Tech Information
http://uscar.org/guest/teams/10/Electrical-Wiring-
Component-Applications -Partnership
Overview
MX150 Sealed and Unsealed Connector System
Product Name
MX150
UPC
191128750288
Physical
Circuits (maximum)
16
Color - Resin
Black
Gender
N/A
Glow-Wire Capable
No
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
12.425/g
Number of Rows
0
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
N/A
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40° to +125°C
Material Info
Reference - Drawing Numbers
Application Specification
AS-34951-001-001
Packaging Specification
349509000-000
Sales Drawing
SD-33482-0001-001, SD-33482-0002-001,
SD-34950-0001-001, SD-34951-0001-001
Series image - Reference only
EU ELV
Compliant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
D(2020)9139-DC (19
Jan 2021)
Halogen-Free
Status
Low-Halogen
For more information, please visit Contact US
China ROHS
Green Image
ELV
Compliant
RoHS Phthalates
Not Contained
Search Parts in this Series
34950 Series
Use With
MX150 Male Sealed Connector Assembly
33482
This document was generated on 03/02/2021
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0349501621

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0349501611 MOLEX-0349501611 Datasheet
38Kb / 1P
MX150 Backshell for Male Sealed Connector Assembly, 16 Circuit, with Rib
More results

Similar Description - 0349501621

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34948-0220 MOLEX11-34948-0220 Datasheet
40Kb / 1P
MX150 Backshell, Blade Sealed Assembly, 2 Circuit without Rib
34950-1220 MOLEX11-34950-1220 Datasheet
36Kb / 1P
MX150 Backshell, Blade Sealed Assembly, 12 Circuit without Rib
0349480220 MOLEX1-0349480220 Datasheet
33Kb / 1P
MX150 Backshell, Blade Sealed Assembly, 2 Circuit without Rib
0349500620 MOLEX1-0349500620 Datasheet
33Kb / 1P
MX150 Backshell, Blade Sealed Assembly, 6 Circuit without Rib
0349501220 MOLEX1-0349501220 Datasheet
33Kb / 1P
MX150 Backshell, Blade Sealed Assembly, 12 Circuit without Rib
0349500821 MOLEX-0349500821 Datasheet
38Kb / 1P
MX150 Backshell for Male Sealed Connector Assembly, 8 Circuit, without Rib
0349501611 MOLEX-0349501611 Datasheet
38Kb / 1P
MX150 Backshell for Male Sealed Connector Assembly, 16 Circuit, with Rib
0349502021 MOLEX-0349502021 Datasheet
39Kb / 1P
MX150 Backshell for Male Sealed Connector Assembly, 20 Circuit, without Rib
0349510821 MOLEX-0349510821 Datasheet
68Kb / 1P
MX150 Backshell for Female Sealed Connector Assembly, 8 Circuit, without Rib
0349511621 MOLEX-0349511621 Datasheet
38Kb / 1P
MX150 Backshell for Female Sealed Connector Assembly, 16 Circuit, without Rib
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com