Electronic Components Datasheet Search
  English  ▼

X  

74LVC8T245 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74LVC8T245
Description  8-bit dual supply translating transceiver; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC8T245 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74LVC8T245 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC8T245 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC_LVCH8T245
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 3 — 12 December 2011
7 of 28
Nexperia
74LVC8T245; 74LVCH8T245
8-bit dual supply translating transceiver; 3-state
VIL
LOW-level
input voltage
data input
[1]
VCCI = 1.2 V
-
0.2VCCI
-0.2VCCI
V
VCCI = 1.4 V to 1.95 V
-
0.35VCCI
-0.35VCCI
V
VCCI = 2.3 V to 2.7 V
-
0.7
-
0.7
V
VCCI = 3.0 V to 3.6 V
-
0.8
-
0.8
V
VCCI = 4.5 V to 5.5 V
-
0.3VCCI
-0.3VCCI
V
DIR, OE input
VCCI = 1.2 V
-
0.2VCC(A)
-0.2VCC(A) V
VCCI = 1.4 V to 1.95 V
-
0.35VCC(A)
-
0.35VCC(A) V
VCCI = 2.3 V to 2.7 V
-
0.7
-
0.7
V
VCCI = 3.0 V to 3.6 V
-
0.8
-
0.8
V
VCCI = 4.5 V to 5.5 V
-
0.3VCC(A)
-0.3VCC(A) V
VOH
HIGH-level
output voltage
VI = VIH
IO = 100 A;
VCCO = 1.2 V to 4.5 V
[2]
VCCO  0.1
-
VCCO  0.1
-
V
IO = 6mA; VCCO = 1.4 V
1.0
-
1.0
-
V
IO = 8mA; VCCO = 1.65 V
1.2
-
1.2
-
V
IO = 12 mA; VCCO = 2.3 V
1.9
-
1.9
-
V
IO = 24 mA; VCCO = 3.0 V
2.4
-
2.4
-
V
IO = 32 mA; VCCO = 4.5 V
3.8
-
3.8
-
V
VOL
LOW-level
output voltage
VI = VIL
[2]
IO = 100 A;
VCCO = 1.2 V to 4.5 V
-
0.1
-
0.1
V
IO = 6 mA; VCCO = 1.4 V
-
0.3
-
0.3
V
IO = 8 mA; VCCO = 1.65 V
-
0.45
-
0.45
V
IO = 12 mA; VCCO = 2.3 V
-
0.3
-
0.3
V
IO = 24 mA; VCCO = 3.0 V
-
0.55
-
0.55
V
IO = 32 mA; VCCO = 4.5 V
-
0.55
-
0.55
V
II
input leakage
current
DIR, OE input; VI = 0 V to 5.5 V;
VCCI = 1.2 V to 5.5 V
-
2-
10
A
IBHL
bus hold LOW
current
A or B port
[1]
VI = 0.49 V; VCCI =1.4 V
15
-
10
-
A
VI = 0.58 V; VCCI =1.65 V
25
-
20
-
A
VI = 0.70 V; VCCI =2.3 V
45
-
45
-
A
VI = 0.80 V; VCCI =3.0 V
100
-
80
-
A
VI = 1.35 V; VCCI =4.5 V
100
-
100
-
A
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com