Electronic Components Datasheet Search
  English  ▼

X  

SS210LVFB Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SS210LVFB
Description  Surface Mounted Trench Low VF Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SS210LVFB Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SS210LVFB Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SS210LVFB Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
表面安装肖特基二极管
反向电压 20 ~ 100 V
正向电流 2.0 A
特征 Features
● 反向漏电流低 Low reverse leakage
● 正向浪涌承受能力强 High forward surge capability
● 高信赖性 High reliability
● 高温焊接保证 High temperature soldering guaranteed:
260℃/10 秒
260℃/10seconds
● 引线和管体皆符合RoHS标准
Lead and body according with RoHS standard
● 型号后缀“-F”标记无卤素产品
Green compound with suffix "-F" on Marking
机械数据 Mechanical Data
● 封装外形:DO-214AA塑封 Case:DO-214AA Molded plastic
● 环氧树脂:UL易燃等级:94V-0
Epoxy: UL 94V-0 rate flame retardant
● 引脚:镀锡,无铅 Lead: Pure tin plated, lead free
最大值和特性 TA = 25℃ 除非另有规定。
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压 Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
正向不重复浪涌电流 8.3 ms单一正弦半波
Non-repetitive peak forward surge current
8.3 ms singlehalf sine-wave
最大正向电压 @IF=2.0A
Maximum forward voltage
最大反向电流 @VDC
TA= 25℃
Maximum reverse current
TA= 100℃
典型结电容 VR=4.0V,f=1MHz
Type junction capacitance
工作结温
Operating junction
存储温度
Storage temperature rang
备注 Note:
1) 安装在PCB板上,从PN结到周围环境的热阻。
1) Thermal resistance from junction to ambient , PCB mounted.
50
mA
-55 --- +125
20
30
40
50
60
70
80
90
100
A
A
0.65
85
20
14
21
28
35
42
49
56
63
70
SS26
SS27
SS28 SS29 SS210
20
30
40
50
60
70
80
90
100
CJ
VF
V
0.42
0.48
0.5
Unit
单位
Maximum Ratings & Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
参数
Parameter
RθJA
℃
TSTG
-55 --- +150
pF
℃
TJ
120
IFSM
50
IR
V
Reverse Voltage 20 ~ 100 V
Forward Current 2.0 A
Surface Mounted Trench Low VF Schottky Barrier Rectifiers
℃/W
典型热阻 Typical thermal resistance
(Note 1)
RθJL
VRRM
V
符号
Symbols
VRMS
V
VDC
IF(AV)
2.0
SS22
LVFB
SS23 SS24
SS25
DO-214AA
Unit: inch (mm)
SS22LVFB-SS210LVFB
LVFB LVFB LVFB LVFB
LVFB LVFB
LVFB LVFB
Rev 2.0 :
www.leiditech.com
12.01.2019
1/2


Similar Part No. - SS210LVFB

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS210L TSC-SS210L Datasheet
88Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS210L TSC-SS210L Datasheet
208Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS210L TSC-SS210L Datasheet
135Kb / 2P
2.0AMPS Surface Mount Schottky Barrier Rectifiers
SS210L TSC-SS210L Datasheet
208Kb / 4P
Surface Mount Schottky Barrier Rectifier
logo
Gaomi Xinghe Electronic...
SS210L GXELECTRONICS-SS210L Datasheet
446Kb / 2P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SS210LVFB

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SL32A WEITRON-SL32A Datasheet
189Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
logo
Shanghai Leiditech Elec...
DSK12L LEIDITECH-DSK12L Datasheet
514Kb / 2P
Surface Mounted Low VF Trench Schottky Barrier Rectifiers
DSK16L LEIDITECH-DSK16L Datasheet
712Kb / 2P
Surface Mounted Low VF Schottky Barrier Rectifiers
DSK23L LEIDITECH-DSK23L Datasheet
490Kb / 2P
Surface Mounted Schottky Barrier Rectifiers
DSK34L LEIDITECH-DSK34L Datasheet
740Kb / 2P
Surface Mounted Low VF Trench Schottky Barrier Rectifiers
DSK36L LEIDITECH-DSK36L Datasheet
749Kb / 2P
Surface Mounted Low VF Trench Schottky Barrier Rectifiers
DSS24 LEIDITECH-DSS24 Datasheet
621Kb / 2P
Surface Mounted Schottky Barrier Rectifiers
SS34LVFA LEIDITECH-SS34LVFA Datasheet
658Kb / 2P
Surface Mounted Low VF Trench Schottky Barrier Rectifiers
SS24LB LEIDITECH-SS24LB Datasheet
671Kb / 2P
Surface Mounted Low VF Trench Schottky Barrier Rectifiers
SS14F LEIDITECH-SS14F Datasheet
805Kb / 2P
Surface Mounted Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com