Electronic Components Datasheet Search
  English  ▼

X  

4500007 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 4500007
Description  Finger lever valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

4500007 Datasheet(HTML) 1 Page - Festo Corporation.

  4500007 Datasheet HTML 1Page - Festo Corporation. 4500007 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Finger lever valve
VHEF-L-M52-E-N18
Part number: 4500007
Data sheet
Feature
Value
Valve function
5/2, monostable
Lap
Overlap
Cover material
PA-reinforced
Operating pressure
-0.095 MPa ... 1 MPa
Actuation type
Manual
Width
20 mm
Standard nominal flow rate
750 l/min
Pneumatic working port
1/8 NPT
Operating pressure
-0.95 bar ... 10 bar
Design
Piston gate valve
Reset method
Pneumatic spring
Nominal width
5.2 mm
Type code
VHEF
Exhaust air function
With flow control option
Application note
Operate by hand only
Sealing principle
Soft
Mounting position
Any
Type of control
Direct
Flow direction
Reversible
Symbol
00992191
Max. switching frequency
0.5 Hz
Explosion prevention and protection
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
1 - Low corrosion stress
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Actuating force
8 N
Product weight
184 g
Type of mounting
With through-hole
Pilot air port 12/14
M5
Pneumatic connection 1
1/8 NPT
Pneumatic connection 2
1/8 NPT
4/26/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 4500007

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
4500000 FESTO-4500000 Datasheet
89Kb / 2P
Finger lever valve
4500001 FESTO-4500001 Datasheet
91Kb / 2P
Finger lever valve
4500002 FESTO-4500002 Datasheet
88Kb / 2P
Finger lever valve
4500003 FESTO-4500003 Datasheet
91Kb / 2P
Finger lever valve
4500004 FESTO-4500004 Datasheet
88Kb / 2P
Finger lever valve
More results

Similar Description - 4500007

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VHEF-L-M52-E-G18 FESTO-VHEF-L-M52-E-G18 Datasheet
90Kb / 2P
Finger lever valve
VHEF-L-M52-M-G14 FESTO-VHEF-L-M52-M-G14 Datasheet
89Kb / 2P
Finger lever valve
VHEF-L-M52-M-G18 FESTO-VHEF-L-M52-M-G18 Datasheet
91Kb / 2P
Finger lever valve
VHEF-LT-M32-M-G14 FESTO-VHEF-LT-M32-M-G14 Datasheet
91Kb / 2P
Finger lever valve
VHEF-LT-M32-M-G18 FESTO-VHEF-LT-M32-M-G18 Datasheet
91Kb / 2P
Finger lever valve
TH-3-M5 FESTO-TH-3-M5 Datasheet
90Kb / 1P
Finger lever valve
VHEF-L-M52-E-N14 FESTO-VHEF-L-M52-E-N14 Datasheet
88Kb / 2P
Finger lever valve
VHEF-L-M52-M-N14 FESTO-VHEF-L-M52-M-N14 Datasheet
88Kb / 2P
Finger lever valve
13794 FESTO-13794 Datasheet
82Kb / 1P
Finger lever valve
7334 FESTO-7334 Datasheet
79Kb / 1P
Finger lever valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com