Electronic Components Datasheet Search
  English  ▼

X  

2SC5223 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC5223
Description  Silicon NPN triple diffusion planar type(For high-speed switching)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5223 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC5223 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5223 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Power Transistors
2SC5223
PC —Ta
IC —VCE
VCE(sat) —IC
VBE(sat) —IC
hFE —IC
Cob —VCB
0
200
160
40
120
80
0
12
10
8
6
4
2
Without heat sink
Ambient temperature Ta (˚C)
06
5
4
13
2
0
600
500
400
300
200
100
Ta=25˚C
5mA
4mA
3mA
2mA
1mA
I
B=6mA
Collector to emitter voltage V
CE
(V)
0.001
0.01
0.1
1
0.003
0.03
0.3
0.001
0.003
0.01
0.03
0.1
0.3
1
3
10
I
C/IB=10
–25˚C
25˚C
T
C=100˚C
Collector current I
C
(A)
0.001
0.01
0.1
1
0.003
0.03
0.3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=10
T
C=–25˚C
25˚C
100˚C
Collector current I
C
(A)
0.001
0.01
0.1
1
0.003
0.03
0.3
0
600
500
400
300
200
100
T
C=100˚C
25˚C
–25˚C
V
CE=5V
Collector current I
C
(A)
1
10
100
1000
3
30
300
0
120
100
80
60
40
20
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com