Electronic Components Datasheet Search
  English  ▼

X  

M6NXF2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M6NXF2
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Seriesv
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NXF2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M6NXF2 Datasheet HTML 1Page - M-System Co.,Ltd. M6NXF2 Datasheet HTML 2Page - M-System Co.,Ltd. M6NXF2 Datasheet HTML 3Page - M-System Co.,Ltd. M6NXF2 Datasheet HTML 4Page - M-System Co.,Ltd. M6NXF2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: M6NXF2
M6NXF2 SPECIFICATIONS
ES-7918 Rev.6 Page 2/5
http://www.m-system.co.jp/
GENERAL SPECIFICATIONS
Connection
Input and output: M3 screw terminal (torque 0.5 N·m)
Power input: Via the Installation Base (model: M6NBS)
or M3 screw terminal (torque 0.5 N·m)
Recommended solderless terminal: Max. 5.8 mm (0.23”)
wide; Ones with insulation sleeve do not fit.
Applicable wire size: 0.2 – 2.5 mm2
Housing material: Flame-resistant resin (black)
Isolation: Input 1 or input 2 to output to power
(Negative sides of the input 1 and 2 must be of the same
potential.)
Overrange output: -2 – +102 %
(Negative current output is not available.)
Zero adjustment: -2 to +2 % (PC programming)
Span adjustment: 98 to 102 % (PC programming)
Power LED: Green light turns on when the power is supplied.
Status indicator LED: Orange LED; Blinking patterns indicate
different operating status of the transmitter.
Programming: Downloaded from PC; input type and range,
output type and range, zero and span, function type and
parameters, etc.
For detailed information, refer to the users manual for the
PC configurator.
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level
■Recommended solderless terminal (unit: mm (inch))
3.2 (.13) dia.
4 min.
(.16)
5.5 max.
(.22)
INPUT SPECIFICATIONS
■ DC Current: Input resistor incoporated
(If not specified, the input range is 4 – 20 mA DC.)
Input range: 0 – 50 mA DC
Minimum span: 2 mA
Offset: Lower range can be any specific value within the
input range provided that the minimum span is maintained.
■ DC Voltage
•Code S1 (narrow spans)
Input range: -1000 – +1000 mV DC
Minimum span: 100 mV
•Code S2 (wide spans)
Input range: -10 – +10 V DC
Minimum span: 1 V
Offset: Lower range can be any specific value within the
input range provided that the minimum span is maintained.
If not specified, the input range is shown below.
S1: 0 – 100 mV DC
S2: 1 – 5 V DC
OUTPUT SPECIFICATIONS
■ DC Current
Output range: 0 – 20 mA DC
Conformance range: 0 – 20.4 mA DC
Minimum span: 1 mA
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 11 V max.
(e.g. 4 – 20 mA: 550 Ω [11 V ÷ 20 mA])
If not specified, the output range is 4 – 20 mA DC.
■ DC Voltage
Code V2 (wide spans)
Output range: -10 – +10 V DC
Conformance range: -10.4 – +10.4 V DC
Minimum span: 1 V
Code V3 (narrow spans)
Output range: -5 – +5 V DC
Conformance range: -5.2 – +5.2 V DC
Minimum span: 0.5 V
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 1 mA max.
(e.g. 1 – 5 V: 5000 Ω [5 V ÷ 1 mA])
If not specified, the output range is shown below.
V2: 0 – 10 V DC
V3: 1 – 5 V DC
INSTALLATION
Power consumption: Approx. 0.5 W
Operating temperature: -20 to +55°C (-4 to +131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Installation Base (model: M6NBS) or DIN rail
Weight: 65 g (2.3 oz)
PERFORMANCE in percentage of span
Overall accuracy: Input accuracy + output accuracy
See CALCULATION EXAMPLES OF OVERALL ACURACY
• Input accuracy*: (% of max. input range)
-1000 – +1000 mV : ±0.05 %
-10 – +10 V : ±0.05 %
0 – 50 mA : ±0.1 %
• Output accuracy**: ±0.04% of max. output range
*Inversely proportional to the span.
For math functions, the input accuracy equals that of either
input 1 or 2, whichever is greater, with the following
parameter setting:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com