Electronic Components Datasheet Search
  English  ▼

X  

M6NPP Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M6NPP
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NPP Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M6NPP Datasheet HTML 1Page - M-System Co.,Ltd. M6NPP Datasheet HTML 2Page - M-System Co.,Ltd. M6NPP Datasheet HTML 3Page - M-System Co.,Ltd. M6NPP Datasheet HTML 4Page - M-System Co.,Ltd. M6NPP Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: M6NPP
M6NPP SPECIFICATIONS
ES-7919 Rev.6 Page 1/5
http://www.m-system.co.jp/
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
PULSE ISOLATOR
Functions & Features
• 7.5-mm wide ultra-slim design
• Low profile allows the M6N module mounted in a 120-mm
deep panel
• Galvanically isolates pulse rate signals
• High-density mounting
• Power indicator and input monitor LED
Typical Applications
• Isolating field pulse signals in order to reduce noises
• Changing e.g. dry contact signal to e.g. 5 V signals
mm (inch)
7.5 (.30)
102
(4.02)
102
(4.02)
MODEL: M6NPP–[1][2][3]–R[4]
ORDERING INFORMATION
• Code number: M6NPP-[1][2][3]-R[4]
Specify a code from below for each [1] through [4].
(e.g. M6NPP-CMN-R/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT
A1: Open collector
A2: Mechanical contact
C: 5 V pulse (sensitivity 2 V)
D: 12 V/24 V pulse (sensitivity 5 V)
H: Two-wire current pulse
[2] OUTPUT
A1: High frequency open collector (max. 100 kHz)
A2: Low frequency open collector (max. 30 Hz)
M: 5 V pulse
N: 12 V pulse
P: 24 V pulse
[3] OUTPUT LOGIC
N: The same as the input
R: Inverted
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
GENERAL SPECIFICATIONS
Connection
Input and output: M3 screw terminal (torque 0.5 N·m)
Power input: Via the Installation Base (model: M6NBS)
or M3 screw terminal (torque 0.5 N·m)
Recommended solderless terminal: Max. 5.8 mm (0.23”)
wide; Ones with insulation sleeve do not fit.
Applicable wire size: 0.2 – 2.5 mm2
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Chattering protection: Filter provided for mechanical
contact input
Power LED: Green light turns on when the power is supplied.
Input monitor LED
Open collector, Mechanical contact: Orange LED turns
on when the input is ON.
Voltage pulse, 2-wire current pulse: Orange LED turns
on when the input is high.
Input pulse sensing: DC coupled
■Recommended solderless terminal (unit: mm (inch))
3.2 (.13) dia.
4 min.
(.16)
5.5 max.
(.22)
INPUT SPECIFICATIONS
Excitation: 12 V DC @20 mA, shortcircuit protection
■ Open Collector
Maximum frequency: 100 kHz
Pulse width time requirement: ≥ 5 μsec. for ON and OFF


Similar Part No. - M6NPP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6NPA MSYSTEM-M6NPA Datasheet
136Kb / 4P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NPA-A10-R MSYSTEM-M6NPA-A10-R Datasheet
136Kb / 4P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NPA-A10-R/Q MSYSTEM-M6NPA-A10-R/Q Datasheet
136Kb / 4P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NPA-A10-R/UL MSYSTEM-M6NPA-A10-R/UL Datasheet
136Kb / 4P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NPA-A14-R MSYSTEM-M6NPA-A14-R Datasheet
136Kb / 4P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
More results

Similar Description - M6NPP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6NBS MSYSTEM-M6NBS Datasheet
271Kb / 5P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NDM MSYSTEM-M6NDM Datasheet
102Kb / 2P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF3 MSYSTEM-M6NXF3 Datasheet
149Kb / 5P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF1 MSYSTEM-M6NXF1 Datasheet
190Kb / 7P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXAT MSYSTEM-M6NXAT Datasheet
160Kb / 5P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NVS MSYSTEM-M6NVS Datasheet
133Kb / 4P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NSN MSYSTEM-M6NSN Datasheet
133Kb / 3P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NPS1 MSYSTEM-M6NPS1 Datasheet
124Kb / 3P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NPA MSYSTEM-M6NPA Datasheet
136Kb / 4P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NYV MSYSTEM-M6NYV Datasheet
131Kb / 3P
Screw Terminal Ultra-Slim Signal Conditioners M6N Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com