Electronic Components Datasheet Search
  English  ▼

X  

DR3300 Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # DR3300
Description  916.50 MHz Transceiver Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

DR3300 Datasheet(HTML) 2 Page - RF Monolithics, Inc

  DR3300 Datasheet HTML 1Page - RF Monolithics, Inc DR3300 Datasheet HTML 2Page - RF Monolithics, Inc DR3300 Datasheet HTML 3Page - RF Monolithics, Inc DR3300 Datasheet HTML 4Page - RF Monolithics, Inc DR3300 Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
916.50 MHz
Transceiver Module
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 2 of 5
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
DR3300-060304
R3
R4
R8
R1
R2
R6
R5
C3
L2
C1
L1
C4
C5
+
ASH Transceiver
20
1
11
10
CTR0 (12)
CTR1 (11)
VCC (9)
LPF ADJ (8)
GND (6, 7, 10)
RFIO
(13)
RF GND
(14)
AGC/VCC
(1)
PK DET
(2)
RX BBO
(3)
RX DATA
(4)
TX IN
(5)
DR3300 Schematic
C6
C2
L3
.70
.25
.20
.165
.70
.10
DR3300 Outline Drawing
Dimensions in inches
DR3300 Pin Out
RF
GND
RFIO
AGC/VCC
PK DET
TX IN
RX BBO
RX DATA
CTR0
CTR1
GND
VCC
LPF ADJ
1
2
3
4
5
8
9
10
11
12
13
14
6
7
GND
GND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com