Electronic Components Datasheet Search
  English  ▼

X  

DR5000 Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # DR5000
Description  916.50 MHz Receiver Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

DR5000 Datasheet(HTML) 3 Page - RF Monolithics, Inc

  DR5000 Datasheet HTML 1Page - RF Monolithics, Inc DR5000 Datasheet HTML 2Page - RF Monolithics, Inc DR5000 Datasheet HTML 3Page - RF Monolithics, Inc DR5000 Datasheet HTML 4Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
916.50 MHz
Receiver Module
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 3 of 4
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
DR5000-081203
Data Out
3 Vdc
2.4 kbps Application Circuit
1
2
3
4
5
8
9
10
11
12
13
14
DR3000
7
6
DR5000
Data Out
3 Vdc
19.2 kbps Application Circuit
1
2
3
4
5
8
9
10
11
12
13
14
7
6
33 k
DR5000
8
LPF ADJ
This pin is the receiver low-pass filter bandwidth adjust, and is connected directly to the receiver LPFADJ pin. R6 on the cir-
cuit board (330 K) is connected between LPFADJ and ground will be in parallel with any external resistor connected to LPF
ADJ. The filter bandwidth is set by the parallel resistance of R6 and the external resistor (if used). The equivalent resistor
value can range from 330 K to 820 ohms, providing a filter 3 dB bandwidth fLPF from 4.4 kHz to 1.8 MHz. The 3 dB filter
bandwidth is determined by:
fLPF = 1445/ (330*RLPF/(330 + RLPF)), where RLPF is in kilohms, and fLPF is in kHz
A ±5% resistor should be used to set the filter bandwidth. This will provide a 3 dB filter bandwidth between fLPF and 1.3* fLPF
with variations in supply voltage, temperature, etc. The filter provides a three-pole, 0.05 degree equiripple phase response.
The peak drive current available from RXDATA increases in proportion to the filter bandwidth setting. As shipped, the
receiver module is set up for nominal 2.4 kbps operation. An external resistor can be added between Pin 8 and ground to
support higher data rates. Preamble training times will not be decreased, however, unless C3 is replaced with a smaller
capacitor value (see the descriptions of Pins 2 and 3 above). Refer to sections 1.4.3, 2.5.1 and 2.6.1 in the ASH Transceiver
Designer's Guide for additional information on data rate adjustments.
9
VCC
This is the positive supply voltage pin for the module. The operating voltage range is 2.7 to 3.5 Vdc. It is also possible to use
Pin 1 as the Vcc input. Please refer to the Pin 1 description above.
10
GND
This is the supply voltage return pin.
11
CTR1
CTR1 is connected to the CNTRL1 control pin on the receiver. CTR1 and CTR0 select the transceiver operating modes.
CTR1 and CTR0 both high place the unit in the receive mode. CTR1 and CTR0 both low place the unit in the power-down
(sleep) mode. CTR1 is a high-impedance input (CMOS compatible). This pin must be held at a logic level; it cannot be left
unconnected. At turn on, the voltage on this pin and CTR0 should rise with VCC until VCC reaches 2.7 Vdc (receive mode).
Thereafter, any mode can be selected.
12
CTR0
CTR0 is connected to the CNTRL0 control pin on the receiver CTR0 is used with CTR1 to control the operating modes of the
receiver. CTR0 is a high-impedance input (CMOS compatible). This pin must be held at a logic level; it cannot be left uncon-
nected. At turn on, the voltage on this pin and CTR1 should rise with VCC until VCC reaches 2.7 Vdc (receive mode). There-
after, any mode can be selected.
13
RFIO
RFIO is the RF input/output pin. A matching circuit for a 50 ohm load (antenna) is implemented on the circuit board between
this pin and the receiver SAW filter transducer.
14
RF GND
This pin is the RF ground (return) to be used in conjunction with the RFIO pin. For example, when connecting the transceiver
module to an external antenna, the coaxial cable ground is connected this pin and the coaxial cable center conductor is con-
nected to RFIO.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com