Electronic Components Datasheet Search
  English  ▼

X  

DR5101 Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # DR5101
Description  315.00 MHz Receiver Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

DR5101 Datasheet(HTML) 2 Page - RF Monolithics, Inc

  DR5101 Datasheet HTML 1Page - RF Monolithics, Inc DR5101 Datasheet HTML 2Page - RF Monolithics, Inc DR5101 Datasheet HTML 3Page - RF Monolithics, Inc DR5101 Datasheet HTML 4Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
315.00 MHz
Receiver Module
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 2 of 4
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
DR5101-081203
Pin Desciptions
Pin
Name
Description
1
AGC/VCC
This pin is connected directly to the receiver AGCCAP pin. To disable AGC operation, this pin is tied to VCC. To enable AGC
operation, a capacitor is placed between this pin and ground. This pin controls the AGC reset operation. A capacitor between
this pin and ground sets the minimum time the AGC will hold-in once it is engaged. The hold-in time is set to avoid AGC chat-
tering. For a given hold-in time tAGH, the capacitor value CAGC is:
CAGC = 19.1* tAGH, where tAGH is in µs and CAGC is in pF
A ±10% ceramic capacitor should be used at this pin. The value of CAGC given above provides a hold-in time between tAGH
and 2.65* tAGH, depending on operating voltage, temperature, etc. The hold-in time is chosen to allow the AGC to ride
through the longest run of zero bits that can occur in a received data stream. The AGC hold-in time can be greater than the
peak detector decay time, as discussed below. However, the AGC hold-in time should not be set too long, or the receiver will
be slow in returning to full sensitivity once the AGC is engaged by noise or interference. The use of AGC is optional when
using OOK modulation with data pulses of at least 30 µs. Active or latched AGC operation is required for ASK modulation
and/or for data pulses of less than 30 µs. The AGC can be latched ON once engaged by connecting a 150 K resistor
between this pin and ground, instead of a capacitor. AGC operation depends on a functioning peak detector, as discussed
below. The AGC capacitor is discharged in the receiver power-down (sleep) mode. Note that provisions are made on the cir-
cuit board to install a jumper between this pin and the junction of C2 and L3. Installing the jumper allows either this pin or
Pin 9 to be used for the Vcc supply when AGC operation is not required.
2
PK DET
This pin is connected directly to the receiver PKDET pin. This pin controls the peak detector operation. A capacitor between
this pin and ground sets the peak detector attack and decay times, which have a fixed 1:1000 ratio. For most applications,
the attack time constant should be set to 6.4 ms with a 0.027 µF capacitor to ground. (This matches the peak detector decay
time constant to the time constant of the 0.1 µF coupling capacitor C3.) A ±10% ceramic capacitor should be used at this pin.
The peak detector is used to drive the "dB-below-peak" data slicer and the AGC release function. The AGC hold-in time can
be extended beyond the peak detector decay time with the AGC capacitor, as discussed above. Where low data rates and
OOK modulation are used, the "dB-below-peak" data slicer and the AGC are optional. In this case, the PKDET pin can be left
unconnected, and the AGC pin can be connected to VCC to reduce the number of external components needed. The peak
detector capacitor is discharged in the receiver power-down (sleep) mode. See the description of Pin 3 below for further
information.
3
RX BBO
This pin is connected directly to the receiver BBOUT pin. On the circuit board, BBOUT also drives the receiver CMPIN pin
through C3, a 0.1 µF coupling capacitor (tBBC = 6.4 ms). RX BBO can also be used to drive an external data recovery pro-
cess (DSP, etc.). The nominal output impedance of this pin is 1 K. The RX BBO signal changes about 10 mV/dB, with a
peak-to-peak signal level of up to 675 mV. The signal at RX BBO is riding on a 1.1 Vdc value that varies somewhat with sup-
ply voltage and temperature, so it should be coupled through a capacitor to an external load. A load impedance of 50 K to
500 K in parallel with no more than 10 pF is recommended. Note the AGC reset function is driven by the signal applied to
CMPIN through C3. When the receiver is in power-down (sleep) the output impedance of this pin becomes very high, pre-
serving the charge on the coupling capacitor(s). The value of C3 on the circuit board has been chosen to match typical data
encoding schemes at 2.4 kbps. If C3 is modified to support higher data rates and/or different data encoding schemes and PK
DET is being used, make the value of the peak detector capacitor about 1/3 the value of C3.
4
RX DATA
RX DATA is connected directly to the receiver data output pin, RXDATA. This pin will drive a 10 pF, 500 K parallel load. The
peak current available from this pin increases with the receiver low-pass filter cutoff frequency. In the power-down (sleep) or
receive mode, this pin becomes high impedance. If required, a 1000 K pull-up or pull-down resistor can be used to establish
a definite logic state when this pin is high impedance (do not connect the pull-up resistor to a supply voltage higher than 3.5
Vdc or the receiver will be damaged). This pin must be buffered to successfully drive low-impedance loads.
5
NC
6, 7
GND



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com