Electronic Components Datasheet Search
  English  ▼

X  

SS52BL Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SS52BL
Description  Schottky rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SS52BL Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SS52BL Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SS52BL Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
特征 Features
● 反向漏电流低 Low reverse leakage
● 正向浪涌承受能力强 High forward surge capability
● 高信赖性 High reliability
● 高温焊接保证 High temperature soldering guaranteed:
260℃/10 秒
260℃/10seconds
● 引线和管体皆符合RoHS标准
Lead and body according with RoHS standard
● 型号后缀“-F”标记无卤素产品
Green compound with suffix "-F" on Marking
机械数据 Mechanical Data
● 封装外形:DO-214AB塑封 Case:DO-214AB Molded plastic
● 环氧树脂:UL易燃等级:94V-0
Epoxy: UL 94V-0 rate flame retardant
● 引脚:镀锡,无铅 Lead: Pure tin plated, lead free
最大值和特性 TA = 25℃ 除非另有规定。
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压 Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
正向不重复浪涌电流 8.3 ms单一正弦半波
Non-repetitive peak forward surge current
8.3 ms singlehalf sine-wave
最大正向电压 @IF=5.0A
Maximum forward voltage
最大反向电流 @VDC
TA= 25℃
Maximum reverse current
TA= 100℃
典型结电容 VR=4.0V,f=1MHz
Type junction capacitance
工作结温
Operating junction
存储温度
Storage temperature rang
备注 Note:
1) 安装在PCB板上,从PN结到周围环境的热阻。
1) Thermal resistance from junction to ambient , PCB mounted.
0.45
0.50
0.1
50
mA
-55 --- +125
20
30
40
50
60
70
80
90
100
A
A
90
12
16
0.58
0.65
100
14
21
28
35
42
49
56
63
70
符号
Symbols
VRMS
V
VDC
IF(AV)
5.0
SS52
SS53
SS54
SS55
SS56
SS57
SS58
SS59
SS510
BL
20
30
40
50
60
70
80
90
CJ
VF
V
VRRM
V
Unit
单位
Maximum Ratings & Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
参数
Parameter
RθJA
℃
TSTG
-55 --- +150
pF
℃
TJ
160
IFSM
150
IR
V
℃/W
典型热阻 Typical thermal resistance
(Note 1)
RθJL
20
60
75
DO-214AA/SMB
Unit: inch (mm)
Schottky rectifier
SS52BL-SS510BL
BL
BL
BL
BL
BL
BL
BL
BL
Rev 2.0 :
www.leiditech.com
12.01.2019
1/2


Similar Part No. - SS52BL

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SS52B YANGJIE-SS52B Datasheet
148Kb / 2P
Schottky Rectifier
logo
Frontier Electronics.
SS52B FRONTIER-SS52B Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS52B LUGUANG-SS52B Datasheet
597Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Bruckewell Technology L...
SS52B BWTECH-SS52B Datasheet
434Kb / 4P
SCHOTTKY RECTIFIER
logo
Jiangsu High diode Semi...
SS52B HDSEMI-SS52B Datasheet
1Mb / 4P
SMB Plastic-Encapsulate Diodes
More results

Similar Description - SS52BL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com