Electronic Components Datasheet Search
  English  ▼

X  

HO1300 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # HO1300
Description  700.0 MHz SAW Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

HO1300 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  HO1300 Datasheet HTML 1Page - RF Monolithics, Inc HO1300 Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-9148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
HO1300-101899
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Operating Frequency
Absolute Frequency
fO
1, 7
699.750
700.0
700.250
MHz
Tolerance from 700.0 MHz
∆f
O
±250
kHz
RF Output Power
PO
3, 6
+7
+11
+13
dBm
Spurious Outputs
Second Harmonics
3, 6, 7
-15
dBc
Third and Higher Harmonics
-20
Nonharmonic
<-80
-60
RF Impedance
Nominal Impedance
ZO
3
50
Ω
Operating Load VSWR
GL
3, 5
1.5:1
DC Power Supply
Operating Voltage
VCC
3, 6
7.9
8.4
8.9
VDC
Operating Current
ICC
30
40
mA
Operating Ambient Temperature
TA
3, 6
-20
+60
°C
Lid Symbolization (YY=Year, WW=Week)
RFM HO1300 YYWW
Dip 14-8 Case
•
SAW Frequency Stabilization
•
Fundamental-Mode Oscillation at 700.0 MHz
•
0.8” x 0.5” x 0.25” Metal Dip Case
This general-purpose oscillator is stabilized by surface-acoustic-wave (SAW) technology. Fundamental oscil-
lation at 700.0 MHz eliminates all internally generated spurious outputs except integral harmonics of 700.0
MHz. The compact size of the rugged, metal, hermetically-sealed case makes this oscillator suitable for a va-
riety of applications.
Absolute Maximum Ratings
Rating
Value
Units
DC Supply Voltage
0 to +13
VDC
Ambient Temperature
Powered
-40 to +70
°C
Storage
-40 to +85
700.0 MHz
SAW
Oscillator
HO1300
CAUTION: Electrostatic Sensitive Device. Observe precautions for
handling. COCOM CAUTION: Approval by the U.S. Department of
Commerce is required prior to export of this device.
Notes:
1.
One or more of the following United States patents apply: 4,616,197; 4,610,681; and
4,761,616.
2.
Unless noted otherwise, all specifications are listed at TA = +25°C ±2°C, VCC = nom-
inal voltage ±0.01 VDC, and load impedance = 50
Ω with VSWR ≤ 1.5:1.
3.
The design, manufacturing process , and specification of this device are subject to
change without notice.
4.
Applies to oscillator only and not to sidebands caused by external electrical or
mechanical sources. (Dedicated external voltage regulation with low-frequency filter-
ing for the DC power supply and proper circuit board layout are recommended for
optimum spectral purity.)
5.
For specified maximum operating load VSWR (any angle) at FO. (No instability or
damage will occur for any passive load impedance.)
6.
For any combination of VCC and TA within the specified operating ranges.
7.
Applies for any combination of Note 5 and 6 conditions.
BLOCK DIAGRAM
ELECTRICAL CONNECTIONS
RF OUTPUT
V CC
Buffer Amplifier
SAW Oscillator
Top
View
1
V
V
CC
CC
Case Ground 2
Case Ground 6
RF Output 7
13 Case Ground
9 Case Ground
8
CC


Similar Part No. - HO1300

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
HO1301 RFM-HO1301 Datasheet
80Kb / 2P
750.0 MHz SAW Oscillator
More results

Similar Description - HO1300

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
HO1045 RFM-HO1045 Datasheet
80Kb / 2P
915.0 MHz SAW Oscillator
HO1078 RFM-HO1078 Datasheet
80Kb / 2P
1030.0 MHz SAW Oscillator
HO1324 RFM-HO1324 Datasheet
80Kb / 2P
640.0 MHz SAW Oscillator
HO4001-1 RFM-HO4001-1 Datasheet
79Kb / 2P
1000.0 MHz SAW Oscillator
logo
Murata Manufacturing Co...
HO1080-3 MURATA-HO1080-3 Datasheet
482Kb / 2P
1030.0 MHz SAW Oscillator
HO1091 MURATA-HO1091 Datasheet
485Kb / 2P
1090.0 MHz SAW Oscillator
HO4002-1 MURATA-HO4002-1 Datasheet
70Kb / 2P
400.0 MHz SAW Oscillator
HX1080 MURATA-HX1080 Datasheet
89Kb / 3P
1030.0 MHz SAW Oscillator
HX1081 MURATA-HX1081 Datasheet
417Kb / 3P
1090.0 MHz SAW Oscillator
SC3049B MURATA-SC3049B Datasheet
303Kb / 2P
700.0 MHz Differential Sine-Wave Clock
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com