Electronic Components Datasheet Search
  English  ▼

X  

2SC5295 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5295
Description  Silicon NPN epitaxial planer type(For 2 GHz band low-noise amplification)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5295 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5295 Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transistors
1
2SC5295
Silicon NPN epitaxial planer type
For 2 GHz band low-noise amplification
I Features
• High transition frequency f
T
• Low collector output capacitance C
ob
• SS-mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing.
I Absolute Maximum Ratings T
a = 25°C
1: Base
2: Emitter
3: Collector
EIAJ: SC-75
SS-Mini Type Package (3-pin)
Unit: mm
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
15
V
Collector to emitter voltage
VCEO
10
V
Emitter to base voltage
VEBO
2V
Collector current
IC
65
mA
Collector power dissipation
PC
125
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
1.6±0.1
5
°
1.0±0.1
(0.5)
(0.5)
0.15
+0.1
–0.05
0.2
+0.1
–0.05
1
2
3
Marking Symbol: 3S
I Electrical Characteristics T
a = 25°C ± 3°C
Rank
Q
R
S
hFE
50 to 120
100 to 170
150 to 300
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB
= 10 V, I
E
= 01
µA
Emitter cutoff current
IEBO
VEB
= 1 V, I
C
= 01
µA
Forward current transfer ratio *
hFE
VCE = 8 V, IC = 20 mA
50
300
Transition frequency
fT
VCE
= 8 V, I
C
= 15 mA, f = 1.5 GHz
7.0
8.5
GHz
Collector output capacitance
Cob
VCB
= 10 V, I
E
= 0, f = 1 MHz
0.6
1.0
pF
Forward transfer gain
| S
21e |
2
VCE = 8 V, IC = 15 mA, f = 1.5 GHz
7
9
dB
Power gain
GUM
VCE
= 8 V, I
C
= 15 mA, f = 1.5 GHz
10
dB
Noise figure
NF
VCE
= 8 V, I
C
= 7 mA, f = 1.5 GHz
2.2
3.0
dB
Note) *: Rank classification


Similar Part No. - 2SC5295

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5295J PANASONIC-2SC5295J Datasheet
66Kb / 3P
For 2 GHz Band Low-Noise Amplification
More results

Similar Description - 2SC5295

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2671 PANASONIC-2SC2671 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC3704 PANASONIC-2SC3704 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC3829 PANASONIC-2SC3829 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC3904 PANASONIC-2SC3904 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For 2GHz band low-noise amplification)
2SC3937 PANASONIC-2SC3937 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC4805 PANASONIC-2SC4805 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For 2GHz band low-noise amplification)
2SC4808 PANASONIC-2SC4808 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC4835 PANASONIC-2SC4835 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC4968 PANASONIC-2SC4968 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC5019 PANASONIC-2SC5019 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com