Electronic Components Datasheet Search
  English  ▼

X  

EBW14 Datasheet(PDF) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # EBW14
Description  2.0mm Contact Spacing, Board to Wire Dip Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

EBW14 Datasheet(HTML) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

  EBW14 Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. EBW14 Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. EBW14 Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD. EBW14 Datasheet HTML 4Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
For the latest product information, Please visit our website at http://www.ece.com.tw
Connector
2.0mm Contact Spacing, Board to Wire Dip Connectors
EBW14 SERIES
■ FEATURES
Pin header finish Tin Plating.
Apply PCB hole dimension φ0.8±0.05
No. of contact: 2~16 Pin
2.0mm contact spacing.
■ SPECIFICATIONS
1.ELECTRICAL
2.MECHANICAL
Voltage rating: 250V
Current rating: 2.0A max.
Contact resistance: 20mΩ max. (initial)
Insulation resistance: 1000MΩ min.
Withstanding voltage: 800V AC for 1 min. (max.)
Ambient temperature range: -25°C to +85°C
Humidity: 85%, Operating temperature: 0 to 40°C
Solderability: 235°C, 5sec
Durability: Mate & Unmate with
applicability for 50 times, Contact
resistance: 20mΩ max.
Connector Mating Force:
24.5 ~ 93.1N max.
Connector Unmating Force:
7.8 ~ 21.6N min.
■ MATERIALS
1.MATERIAL
2.PLATING
Contacts: Phosphor Bronze , Brass
Insulator Housing: High Temp. Thermoplastic
Contact:
Nickel In All Area
Tin over Nickel (RoHS Compliant)
■ PACKING
1.Packing method
All connector are packed in bulk method.
2.Information on label (stuck to each ploy bag, reel and box)
(1)Part NO.
(2)Section.
(3)Lot NO.
(4)Quantity.
(5)QC stamp.
(6)Reprocess NO.
(7)ECE mark.
EBW14-P***T36W-31Z
EBW14-S***C36W-INS
EBW14-S1C3-31Z


Similar Part No. - EBW14

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
EBW1444US-E STANLEY-EBW1444US-E Datasheet
246Kb / 13P
High Flux , Power LED Lead-free soldering compatible
More results

Similar Description - EBW14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPNI-001T-P05 ETC2-SPNI-001T-P05 Datasheet
112Kb / 3P
2.0mm pitch/Crimp style wire-to-wire connectors
PNIRR-04VF ETC2-PNIRR-04VF Datasheet
102Kb / 3P
2.0mm pitch/Crimp style wire-to-wire connectors
logo
Hirose Electric
GT8E HIROSE-GT8E Datasheet
413Kb / 14P
High contact pressure Wire-to-Board connectors
logo
EXCEL CELL ELECTRONIC C...
EBB-PR22 ECE-EBB-PR22 Datasheet
230Kb / 5P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR24 ECE-EBB-PR24 Datasheet
336Kb / 4P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR27 ECE-EBB-PR27 Datasheet
187Kb / 3P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBW20 ECE-EBW20 Datasheet
136Kb / 2P
0.8mm Contact Spacing, Board To Wire Connectors
EBW-CK22 ECE-EBW-CK22 Datasheet
204Kb / 3P
1.25mm Contact Spacing, Board to Wire SMT Connectors
EBW-PK26 ECE-EBW-PK26 Datasheet
157Kb / 3P
1.25mm Contact Spacing, Board To Wire Header Connectors
logo
JST Mfg. Co., Ltd.
JWPF JST-JWPF Datasheet
83Kb / 2P
2.0mm pitch/Crimp style wire-to-wire connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com