Electronic Components Datasheet Search
  English  ▼

X  

HM2101 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2101
Description  High and Low Side Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2101 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2101 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2101 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2101 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2101 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2101 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4 / 6
August 18, 2015
Version2.2
 
 
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 1000 pF and TA = 25°C unless otherwise specified.
Symbol
Definition
MIN.
TYP.
MAX.
Units
VIH
Logic “1”(HIN & LIN) input voltage
2.5
-
-
VIL
Logic “0” (HIN & LIN) input voltage
-
-
0.8
VOH
High level output voltage, VBIAS - VO
-
-
0.3
VOL
Low level output voltage, VO
-
-
0.3
V
IQCC
Quiescent VCC supply current
-
150
270
IQBS
Quiescent VB supply current
-
30
55
ILK
Leakage current from VS(600V) to GND
-
50
IIN+
Logic “1” input bias current
-
6
10
IIN-
Logic “0” input bias current
-
-
1
VCCU+
-
8.7
-
VCCU-
VCC supply UVLO threshold
-
8
-
uA
IO+
Output high short circuit pulsed current
300
IO-
Output low short circuit pulsed current
600
mA
Logic Function & Timing Spec
HM2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com