Electronic Components Datasheet Search
  English  ▼

X  

HM1681 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1681
Description  Single channel 6-level high-definition video filter driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1681 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1681 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1681 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1681 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1681 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1681 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1681 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1681 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1681 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
共8页 第4页
典型工作特性
VS=+5.0V,TA =+25℃,RL = 150Ω, 所有输出通过 220μF 电容交流耦合,除非另有说明。
图 2.频率响应
图 3.相位与频率的关系
图 4.大信号阶跃响应
图 5.小信号阶跃响应
图 6.电源电压抑制比与频率的关系
图 7.电源电压抑制比与频率的关系
(有旁路电容)
(无旁路电容)
HM1681
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com