Electronic Components Datasheet Search
  English  ▼

X  

1796005 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1796005
Description  Printed-circuit board connector - FKC 2,5/ 3-STF-5,08 EX
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1796005 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1796005 Datasheet HTML 1Page - PHOENIX CONTACT 1796005 Datasheet HTML 2Page - PHOENIX CONTACT 1796005 Datasheet HTML 3Page - PHOENIX CONTACT 1796005 Datasheet HTML 4Page - PHOENIX CONTACT 1796005 Datasheet HTML 5Page - PHOENIX CONTACT 1796005 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/pi/products/1796005
06/30/2020   Page 2 / 6
Printed-circuit board connector - FKC 2,5/ 3-STF-5,08 EX - 1796005
Technical data
Item properties
Number of connections
3
Number of potentials
3
Electrical parameters
Nominal current
12 A
Nom. voltage
176 V
Rated current
12 A
Connection capacity
Connection method
Push-in spring connection
pluggable
Yes
Conductor cross section solid
0.5 mm² ... 2.5 mm²
Conductor cross section flexible
0.5 mm² ... 2.5 mm²
Conductor cross section AWG / kcmil
24 ... 12
Conductor cross section flexible, with ferrule without plastic sleeve
0.5 mm² ... 2.5 mm²
Conductor cross section, flexible, with ferrule, with plastic sleeve
0.5 mm² ... 2.5 mm²
2 conductors with the same cross section, flexible, with TWIN ferrule
with plastic sleeve
0.5 mm² ... 1.5 mm²
Stripping length
10 mm
Flange specifications
Type of locking
Screw locking
Mounting flange
Screw flange
Material data - contact
Note
WEEE/RoHS-compliant, free of whiskers according to IEC 60068-2-82/
JEDEC JESD 201
Contact material
Cu alloy
Surface characteristics
hot-dip tin-plated
Metal surface terminal point (top layer)
Tin (4 - 8 µm Sn)
Metal surface contact area (top layer)
Tin (4 - 8 µm Sn)
Material data - housing
Housing color
green (6021)
Insulating material
PA
Insulating material group
I
CTI according to IEC 60112
600
Flammability rating according to UL 94
V0
Glow wire flammability index GWFI according to EN 60695-2-12
850
Glow wire ignition temperature GWIT according to EN 60695-2-13
775
Temperature for the ball pressure test according to EN 60695-10-2
125 °C
Material data – actuating element
Insulating material
PBT
CTI according to IEC 60112
600



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com